Electronic Components Datasheet Search
  English  ▼

X  

3948 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3948
Description  DMOS FULL-BRIDGE PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3948 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3948 Datasheet HTML 1Page - Allegro MicroSystems 3948 Datasheet HTML 2Page - Allegro MicroSystems 3948 Datasheet HTML 3Page - Allegro MicroSystems 3948 Datasheet HTML 4Page - Allegro MicroSystems 3948 Datasheet HTML 5Page - Allegro MicroSystems 3948 Datasheet HTML 6Page - Allegro MicroSystems 3948 Datasheet HTML 7Page - Allegro MicroSystems 3948 Datasheet HTML 8Page - Allegro MicroSystems 3948 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3948
DMOS FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 50 V, VDD = 5.0 V, VSENSE = 0.5 V,
fPWM < 50 kHz (unless noted otherwise), continued.
Limits
Characteristics
Symbol Test Conditions
Min.
Typ. Max.
Units
Control Logic
Buffer Input Offset Volt.
VIO
–0
±15
mV
Reference Divider Ratio
–
D14 = High
9.9
10
10.2
–
D14 = Low
4.95
5.0
5.05
–
Propagation Delay Times
tpd
PWM change to source ON
–
600
–
ns
PWM change to source OFF
–
100
–
ns
PWM change to sink ON
–
600
–
ns
PWM change to sink OFF
–
100
–
ns
Phase change to sink ON
–
600
–
ns
Phase change to sink OFF
–
100
–
ns
Phase change to source ON
–
600
–
ns
Phase change to source OFF
–
100
–
ns
Thermal Shutdown Temp.
TJ
–
165
–
°C
Thermal Shutdown Hysteresis
∆T
J
–15
–
°C
UVLO Enable Threshold
UVLO
Increasing VDD
3.90
4.2
4.45
V
UVLO Hysteresis
∆UVLO0.05 0.10
–
V
Logic Supply Current
IDD
fPWM < 50 kHz
–
6.0
10
mA
Sleep Mode, Inputs < 0.5 V
–
–
2.0
mA
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com