Electronic Components Datasheet Search
  English  ▼

X  

ADAQ7980 Datasheet(PDF) 7 Page - Analog Devices

Part # ADAQ7980
Description  16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAQ7980 Datasheet HTML 3Page - Analog Devices ADAQ7980 Datasheet HTML 4Page - Analog Devices ADAQ7980 Datasheet HTML 5Page - Analog Devices ADAQ7980 Datasheet HTML 6Page - Analog Devices ADAQ7980 Datasheet HTML 7Page - Analog Devices ADAQ7980 Datasheet HTML 8Page - Analog Devices ADAQ7980 Datasheet HTML 9Page - Analog Devices ADAQ7980 Datasheet HTML 10Page - Analog Devices ADAQ7980 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Data Sheet
ADAQ7980/ADAQ7988
Rev. 0 | Page 7 of 49
SINGLE-SUPPLY CONFIGURATION
VDD = V+ = 5.0 V, V− = 0 V, VIO = 1.7 V to 5.5 V, VREF = 3.3 V, TA = −55°C to +125°C, the ADC driver in a unity-gain buffer configuration, and
fSAMPLE = 1 MSPS (ADAQ7980) and fSAMPLE = 500 kSPS (ADAQ7988), unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
SYSTEM ACCURACY
Differential Nonlinearity Error1
−14
±7
+14
ppm2
Integral Nonlinearity Error1
−20
±8
+20
ppm2
Transition Noise
0.8
LSB2 rms
Gain Error
TA = 25°C
−0.013
±0.002
+0.013
%FS
Gain Error Temperature Drift
0.1
0.4
ppm/°C
Zero Error
TA = 25°C
−0.5
±0.06
+0.5
mV
Zero Error Temperature Drift
0.35
1.75
µV/°C
Common-Mode Rejection Ratio
103
133
dB
Power Supply Rejection Ratio
Positive
V+ = 4.5 V to 5.5 V, V− = 0 V
75
92
dB
SYSTEM AC PERFORMANCE
Dynamic Range
89
dB3
Total RMS Noise
41.4
µV rms
Oversampled Dynamic Range
fODR = 10 kSPS
109
dB3
Signal-to-Noise Ratio
Input frequency (fIN) = 10 kHz
87.3
88.7
dB3
Spurious-Free Dynamic Range
fIN = 10 kHz
103
dB3
Total Harmonic Distortion
fIN = 10 kHz
−113
−100
dB3
Signal-to-Noise-and-Distortion Ratio
fIN = 10 kHz
87
88.4
dB3
Effective Number of Bits
fIN = 10 kHz
14.1
14.4
Bits
Noise Free Code Resolution
13.5
Bits
SYSTEM SAMPLING DYNAMICS
Conversion Rate
ADAQ7980
VIO ≥ 3.0 V
0
1
MSPS
VIO ≥ 1.7 V
0
833
kSPS
ADAQ7988
VIO ≥ 1.7 V
0
500
kSPS
Transient Response
Full-scale step
430
500
ns
−3 dB Input Bandwidth
ADC driver RC filter
4.42
MHz
−1 dB Frequency
ADC driver RC filter
2.2
MHz
−0.1 dB Frequency
ADC driver RC filter
0.67
MHz
System 0.1 Hz to 10 Hz Voltage Noise
17
µV p-p
Aperture Delay
2.0
ns
Aperture Jitter
2.0
ns
1
Nonlinearity guaranteed over input voltage range. Codes below 150 mV are not represented with a unipolar supply configuration.
2
LSB means least significant bit. With the 3.3 V input range, 1 LSB = 50.4 µV, and 1 LSB = 15.26 ppm.
3
All specifications in dB are referred to a full-scale input, FSR. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com