Electronic Components Datasheet Search
  English  ▼

X  

ADAQ7980 Datasheet(PDF) 28 Page - Analog Devices

Part # ADAQ7980
Description  16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADAQ7980 Datasheet HTML 24Page - Analog Devices ADAQ7980 Datasheet HTML 25Page - Analog Devices ADAQ7980 Datasheet HTML 26Page - Analog Devices ADAQ7980 Datasheet HTML 27Page - Analog Devices ADAQ7980 Datasheet HTML 28Page - Analog Devices ADAQ7980 Datasheet HTML 29Page - Analog Devices ADAQ7980 Datasheet HTML 30Page - Analog Devices ADAQ7980 Datasheet HTML 31Page - Analog Devices ADAQ7980 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
ADAQ7980/ADAQ7988
Data Sheet
Rev. 0 | Page 28 of 49
ADC DRIVER INPUT
The ADC driver of the ADAQ7980/ADAQ7988 features a −3 dB
bandwidth of 35 MHz and a slew rate of 110 V/μs at G = +1
and VAMP_OUT = 2 V step. It features an input voltage noise of
5.9 nV/√Hz .The driver can operate over a supply voltage range
of 3.8 V to 10 V and consumes only 500 μA of supply current at a
supply difference of 5 V. The low end of the supply range allows
−5% variation of a 4 V supply. The amplifier is unity-gain stable,
and the input structure results in an extremely low input voltage
noise 1/f corner. The ADC driver uses a slew enhancement
architecture, as shown in Figure 55. The slew enhancement
circuit detects the absolute difference between the two inputs. It
then modulates the tail current, ITAIL, of the input stage to boost
the slew rate. The architecture allows a higher slew rate and a
faster settling time with a low quiescent current while maintaining
low noise. The user has access to all three amplifier signal pins,
providing flexibility to adapt to the desired application or
configuration.
IN+
VIN+
VIN–
V+
INPUT
STAGE
TO DETECT
ABSOLUTE
VALUE
SLEW ENHANCEMENT CIRCUIT
ITAIL
IN–
Figure 55. ADC Driver Slew Enhancement Circuit
INPUT PROTECTION
The amplifier is fully protected from ESD events, withstanding
human body model ESD events of 4000 V and field induced
charged device model events of 1250 V with no measured
performance degradation. The precision input is protected with
an ESD network between the power supplies and diode clamps
across the input device pair, as shown in Figure 56.
IN+
ESD
ESD
V–
V+
BIAS
TO THE REST OF THE AMPLIFIER
IN–
ESD
ESD
Figure 56. ADC Driver Input Stage and Protection Diodes
For differential voltages more than approximately 1.2 V at room
temperature and 0.8 V at 125°C, the diode clamps begin to
conduct. If large differential voltages must be sustained across
the input terminals, the current through the input clamps must
be limited to less than 10 mA. External series input resistors that
are sized appropriately for the expected differential overvoltage
can provide the needed protection.
The ESD clamps begin to conduct for input voltages that are
more than 0.7 V above the positive supply and input voltages
more than 0.7 V below the negative supply. If an overvoltage
condition is expected, the input current must be limited to less
than 10 mA.
Along with the ADC driver inputs, protection is also provided on
the ADC input. As shown in Figure 1, the ADAQ7980/ADAQ7988
house an RC filter between the ADC driver and the ADC. The
series resistor in this low-pass filter acts to limit current in an
overvoltage condition. The current sink capability of the reference
buffer works to hold the reference node at its desired value when
the ADC input protection diodes conduct due to an overvoltage
event.
Figure 57 shows an equivalent ADC analog input circuit of the
ADAQ7980/ADAQ7988.
The two diodes, D1 and D2, provide ESD protection for the ADC
inputs. Take care to ensure that the ADC analog input signal
never exceeds the reference value by more than 0.3 V or drops
below ground by more than 0.3 V because this causes diodes to
become forward-biased and start conducting current. These diodes
can handle a forward-biased current greater than or equal to the
short-circuit current of the ADC driver. For instance, these
conditions can occur when the ADC driver positive supply is
greater than the reference value. In such a case (for example, an
input buffer with a short circuit), use the current limitation to
protect the devices.
REF
RIN
CIN
IN+
OR IN–
GND
D2
CPIN
D1
Figure 57. Equivalent ADC Analog Input Circuit
The analog input structure allows the sampling of the true
differential signal between the ADC input pins. By using these
differential inputs, signals common to both inputs are rejected.
NOISE CONSIDERATIONS AND SIGNAL SETTLING
The ADC driver of the ADAQ7980/ADAQ7988 is ideal for
driving the on-board high resolution SAR ADC. The low input
voltage noise and rail-to-rail output stage of the driver helps to
minimize distortion at large output levels. With its low power of
500 μA, the amplifier consumes power that is compatible with
the low power SAR ADC. Furthermore, the ADC driver supports a
single-supply configuration; the input common-mode range
extends to the negative supply, and 1.3 V below the positive
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com