Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 118 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 118 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 114Page - Texas Instruments PCI7621 Datasheet HTML 115Page - Texas Instruments PCI7621 Datasheet HTML 116Page - Texas Instruments PCI7621 Datasheet HTML 117Page - Texas Instruments PCI7621 Datasheet HTML 118Page - Texas Instruments PCI7621 Datasheet HTML 119Page - Texas Instruments PCI7621 Datasheet HTML 120Page - Texas Instruments PCI7621 Datasheet HTML 121Page - Texas Instruments PCI7621 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 298 page
background image
4−28
4.38 Card Control Register
The card control register is provided for PCI1130 compatibility. RI_OUT is enabled through this register, and the
enable bit is shared between functions 0 and 1. See Table 4−16 for a complete description of the register contents.
The RI_OUT signal is enabled through this register, and the enable bit is shared between functions 0 and 1.
Bit
7
6
5
4
3
2
1
0
Name
Card control
Type
RW
RW
RW
R
R
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
Card control
Offset:
91h
Type:
Read-only, Read/Write
Default:
00h
Table 4−16. Card Control Register Description
BIT
SIGNAL
TYPE
FUNCTION
7 ‡§
RIENB
RW
Ring indicate enable. When this bit is 1, the RI_OUT output is enabled. This bit defaults to 0.
6−3
RSVD
RW
These bits are reserved. Do not change the value of these bits.
2 ‡
AUD2MUX
RW
CardBus audio-to-MFUNC. When this bit is set, the CAUDIO CardBus signal must be routed through an
MFUNC terminal. If this bit is set for both functions, then function 0 is routed.
0 = CAUDIO set to CAUDPWM on MFUNC terminal (default)
1 = CAUDIO is not routed.
1 ‡
SPKROUTEN
RW
When bit 1 is set, the SPKR terminal from the PC Card is enabled and is routed to tthe SPKROUT terminal.
The SPKR signal from socket 0 is XORed with the SPKR signal from socket 1 and sent to SPKROUT. The
SPKROUT terminal drives data only when the SPKROUTEN bit of either function is set. This bit is encoded
as:
0 = SPKR to SPKROUT not enabled (default)
1 = SPKR to SPKROUT enabled
0 ‡
IFG
RW
Interrupt flag. This bit is the interrupt flag for 16-bit I/O PC Cards and for CardBus cards. This bit is set when
a functional interrupt is signaled from a PC Card interface, and is socket dependent (i.e., not global). Write
back a 1 to clear this bit.
0 = No PC Card functional interrupt detected (default)
1 = PC Card functional interrupt detected
‡ This bit is cleared only by the assertion of GRST.
§ This bit is global in nature and must be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com