Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 121 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 121 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 117Page - Texas Instruments PCI7621 Datasheet HTML 118Page - Texas Instruments PCI7621 Datasheet HTML 119Page - Texas Instruments PCI7621 Datasheet HTML 120Page - Texas Instruments PCI7621 Datasheet HTML 121Page - Texas Instruments PCI7621 Datasheet HTML 122Page - Texas Instruments PCI7621 Datasheet HTML 123Page - Texas Instruments PCI7621 Datasheet HTML 124Page - Texas Instruments PCI7621 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 298 page
background image
4−31
4.41 Capability ID Register
The capability ID register identifies the linked list item as the register for PCI power management. The register returns
01h when read, which is the unique ID assigned by the PCI SIG for the PCI location of the capabilities pointer and
the value.
Bit
7
6
5
4
3
2
1
0
Name
Capability ID
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
1
Register:
Capability ID
Offset:
A0h
Type:
Read-only
Default:
01h
4.42 Next Item Pointer Register
The contents of this register indicate the next item in the linked list of the PCI power management capabilities.
Because the PCI7x21/PCI7x11 functions only include one capabilities item, this register returns 0s when read.
Bit
7
6
5
4
3
2
1
0
Name
Next item pointer
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
Next item pointer
Offset:
A1h
Type:
Read-only
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com