Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 125 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 125 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 121Page - Texas Instruments PCI7621 Datasheet HTML 122Page - Texas Instruments PCI7621 Datasheet HTML 123Page - Texas Instruments PCI7621 Datasheet HTML 124Page - Texas Instruments PCI7621 Datasheet HTML 125Page - Texas Instruments PCI7621 Datasheet HTML 126Page - Texas Instruments PCI7621 Datasheet HTML 127Page - Texas Instruments PCI7621 Datasheet HTML 128Page - Texas Instruments PCI7621 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 298 page
background image
4−35
4.47 Serial Bus Data Register
The serial bus data register is for programmable serial bus byte reads and writes. This register represents the data
when generating cycles on the serial bus interface. To write a byte, this register must be programmed with the data,
the serial bus index register must be programmed with the byte address, the serial bus slave address must be
programmed with the 7-bit slave address, and the read/write indicator bit must be reset.
On byte reads, the byte address is programmed into the serial bus index register, the serial bus slave address register
must be programmed with both the 7-bit slave address and the read/write indicator bit, and bit 5 (REQBUSY) in the
serial bus control and status register (see Section 4.50) must be polled until clear. Then the contents of this register
are valid read data from the serial bus interface. See Table 4−22 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Serial bus data
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
Serial bus data
Offset:
B0h (function 0)
Type:
Read/Write
Default:
00h
Table 4−22. Serial Bus Data Register Description
BIT
SIGNAL
TYPE
FUNCTION
7−0 ‡
SBDATA
RW
Serial bus data. This bit field represents the data byte in a read or write transaction on the serial interface.
On reads, the REQBUSY bit must be polled to verify that the contents of this register are valid.
‡ These bits are cleared only by the assertion of GRST.
4.48 Serial Bus Index Register
The serial bus index register is for programmable serial bus byte reads and writes. This register represents the byte
address when generating cycles on the serial bus interface. To write a byte, the serial bus data register must be
programmed with the data, this register must be programmed with the byte address, and the serial bus slave address
must be programmed with both the 7-bit slave address and the read/write indicator.
On byte reads, the word address is programmed into this register, the serial bus slave address must be programmed
with both the 7-bit slave address and the read/write indicator bit, and bit 5 (REQBUSY) in the serial bus control and
status register (see Section 4.50) must be polled until clear. Then the contents of the serial bus data register are valid
read data from the serial bus interface. See Table 4−23 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Serial bus index
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
Serial bus index
Offset:
B1h (function 0)
Type:
Read/Write
Default:
00h
Table 4−23. Serial Bus Index Register Description
BIT
SIGNAL
TYPE
FUNCTION
7−0 ‡
SBINDEX
RW
Serial bus index. This bit field represents the byte address in a read or write transaction on the serial interface.
‡ These bits are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com