Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 126 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 126 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 122Page - Texas Instruments PCI7621 Datasheet HTML 123Page - Texas Instruments PCI7621 Datasheet HTML 124Page - Texas Instruments PCI7621 Datasheet HTML 125Page - Texas Instruments PCI7621 Datasheet HTML 126Page - Texas Instruments PCI7621 Datasheet HTML 127Page - Texas Instruments PCI7621 Datasheet HTML 128Page - Texas Instruments PCI7621 Datasheet HTML 129Page - Texas Instruments PCI7621 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 298 page
background image
4−36
4.49 Serial Bus Slave Address Register
The serial bus slave address register is for programmable serial bus byte read and write transactions. To write a byte,
the serial bus data register must be programmed with the data, the serial bus index register must be programmed
with the byte address, and this register must be programmed with both the 7-bit slave address and the read/write
indicator bit.
On byte reads, the byte address is programmed into the serial bus index register, this register must be programmed
with both the 7-bit slave address and the read/write indicator bit, and bit 5 (REQBUSY) in the serial bus control and
status register (see Section 4.50) must be polled until clear. Then the contents of the serial bus data register are valid
read data from the serial bus interface. See Table 4−24 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Serial bus slave address
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
Serial bus slave address
Offset:
B2h (function 0)
Type:
Read/Write
Default:
00h
Table 4−24. Serial Bus Slave Address Register Description
BIT
SIGNAL
TYPE
FUNCTION
7−1 ‡
SLAVADDR
RW
Serial bus slave address. This bit field represents the slave address of a read or write transaction on the
serial interface.
0 ‡
RWCMD
RW
Read/write command. Bit 0 indicates the read/write command bit presented to the serial bus on byte read
and write accesses.
0 = A byte write access is requested to the serial bus interface.
1 = A byte read access is requested to the serial bus interface.
‡ These bits are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com