Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 130 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 130 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 126Page - Texas Instruments PCI7621 Datasheet HTML 127Page - Texas Instruments PCI7621 Datasheet HTML 128Page - Texas Instruments PCI7621 Datasheet HTML 129Page - Texas Instruments PCI7621 Datasheet HTML 130Page - Texas Instruments PCI7621 Datasheet HTML 131Page - Texas Instruments PCI7621 Datasheet HTML 132Page - Texas Instruments PCI7621 Datasheet HTML 133Page - Texas Instruments PCI7621 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 298 page
background image
5−2
16-Bit Legacy-Mode Base Address
PCI7x21/PCI7x11 Configuration Registers
10h
CardBus Socket/ExCA Base Address
Note: The 16-bit legacy-mode base address
register is shared by function 0 and 1 as
indicated by the shading.
44h
Index
Data
Host I/O Space
PC Card A
ExCA
Registers
PC Card B
ExCA
Registers
00h
Offset
3Fh
40h
7Fh
Offset of desired register is placed in the index register and the
data from that location is returned in the data register.
Offset
Figure 5−1. ExCA Register Access Through I/O
16-Bit Legacy-Mode Base Address
CardBus Socket/ExCA Base Address
10h
44h
CardBus
Socket A
Registers
ExCA
Registers
Card A
20h
800h
844h
Host
Memory Space
CardBus
Socket B
Registers
ExCA
Registers
Card B
20h
800h
844h
Host
Memory Space
Note: The CardBus socket/ExCA base
address mode register is separate for
functions 0 and 1.
address register’s base address.
Offsets are from the CardBus socket/ExCA base
00h
00h
PCI7x21/PCI7x11 Configuration Registers
Offset
Offset
Offset
Figure 5−2. ExCA Register Access Through Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com