Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 133 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 133 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 129Page - Texas Instruments PCI7621 Datasheet HTML 130Page - Texas Instruments PCI7621 Datasheet HTML 131Page - Texas Instruments PCI7621 Datasheet HTML 132Page - Texas Instruments PCI7621 Datasheet HTML 133Page - Texas Instruments PCI7621 Datasheet HTML 134Page - Texas Instruments PCI7621 Datasheet HTML 135Page - Texas Instruments PCI7621 Datasheet HTML 136Page - Texas Instruments PCI7621 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 298 page
background image
5−5
5.1
ExCA Identification and Revision Register
This register provides host software with information on 16-bit PC Card support and 82365SL-DF compatibility. See
Table 5−2 for a complete description of the register contents.
NOTE: If bit 5 (SUBSYRW) in the system control register is 1, then this register is read-only.
Bit
7
6
5
4
3
2
1
0
Name
ExCA identification and revision
Type
R
R
RW
RW
RW
RW
RW
RW
Default
1
0
0
0
0
1
0
0
Register:
ExCA identification and revision
Offset:
CardBus Socket Address + 800h:
Card A ExCA Offset 00h
Card B ExCA Offset 40h
Type:
Read/Write, Read-only
Default:
84h
Table 5−2. ExCA Identification and Revision Register Description
BIT
SIGNAL
TYPE
FUNCTION
7−6 ‡
IFTYPE
R
Interface type. These bits, which are hardwired as 10b, identify the 16-bit PC Card support provided by the
PCI7x21/PCI7x11 controller. The PCI7x21/PCI7x11 controller supports both I/O and memory 16-bit PC
Cards.
5−4 ‡
RSVD
RW
These bits can be used for 82365SL emulation.
3−0 ‡
365REV
RW
82365SL-DF revision. This field stores the Intel 82365SL-DF revision supported by the PCI7x21/PCI7x11
controller. Host software can read this field to determine compatibility to the 82365SL-DF register set. This
field defaults to 0100b upon reset. Writing 0010b to this field places the controller in the 82356SL mode.
‡ These bits are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com