Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 124 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 124 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 120Page - Texas Instruments PCI7621 Datasheet HTML 121Page - Texas Instruments PCI7621 Datasheet HTML 122Page - Texas Instruments PCI7621 Datasheet HTML 123Page - Texas Instruments PCI7621 Datasheet HTML 124Page - Texas Instruments PCI7621 Datasheet HTML 125Page - Texas Instruments PCI7621 Datasheet HTML 126Page - Texas Instruments PCI7621 Datasheet HTML 127Page - Texas Instruments PCI7621 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 298 page
background image
4−34
4.45 Power Management Control/Status Bridge Support Extensions Register
This register supports PCI bridge-specific functionality. It is required for all PCI-to-PCI bridges. See Table 4−21 for
a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Power management control/status bridge support extensions
Type
R
R
R
R
R
R
R
R
Default
1
1
0
0
0
0
0
0
Register:
Power management control/status bridge support extensions
Offset:
A6h (Functions 0, 1)
Type:
Read-only
Default:
C0h
Table 4−21. Power Management Control/Status Bridge Support Extensions Register Description
BIT
SIGNAL
TYPE
FUNCTION
7
BPCC_EN
R
Bus power/clock control enable. This bit returns 1 when read. This bit is encoded as:
0 = Bus power/clock control is disabled.
1 = Bus power/clock control is enabled (default).
A 0 indicates that the bus power/clock control policies defined in the PCI Bus Power Management Interface
Specification are disabled. When the bus power/clock control enable mechanism is disabled, the power
state field (bits 1−0) of the power management control/status register (PCI offset A4h, see Section 4.44)
cannot be used by the system software to control the power or the clock of the secondary bus. A 1 indicates
that the bus power/clock control mechanism is enabled.
6
B2_B3
R
B2/B3 support for D3hot. The state of this bit determines the action that is to occur as a direct result of
programming the function to D3hot. This bit is only meaningful if bit 7 (BPCC_EN) is a 1. This bit is encoded
as:
0 = When the bridge is programmed to D3hot, its secondary bus has its power removed (B3).
1 = When the bridge function is programmed to D3hot, its secondary bus PCI clock is stopped (B2)
(default).
5−0
RSVD
R
Reserved. These bits return 0s when read.
4.46 Power-Management Data Register
The power-management data register returns 0s when read, because the CardBus functions do not report dynamic
data.
Bit
7
6
5
4
3
2
1
0
Name
Power-management data
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
Power-management data
Offset:
A7h (functions 0, 1)
Type:
Read-only
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com