Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 138 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 138 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 134Page - Texas Instruments PCI7621 Datasheet HTML 135Page - Texas Instruments PCI7621 Datasheet HTML 136Page - Texas Instruments PCI7621 Datasheet HTML 137Page - Texas Instruments PCI7621 Datasheet HTML 138Page - Texas Instruments PCI7621 Datasheet HTML 139Page - Texas Instruments PCI7621 Datasheet HTML 140Page - Texas Instruments PCI7621 Datasheet HTML 141Page - Texas Instruments PCI7621 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 298 page
background image
5−10
5.6
ExCA Card Status-Change Interrupt Configuration Register
This register controls interrupt routing for CSC interrupts, as well as masks/unmasks CSC interrupt sources. See
Table 5−8 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
ExCA card status-change interrupt configuration
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
ExCA card status-change interrupt configuration
Offset:
CardBus Socket Address + 805h:
Card A ExCA Offset 05h
Card B ExCA Offset 45h
Type:
Read/Write
Default:
00h
Table 5−8. ExCA Card Status-Change Interrupt Configuration Register Description
BIT
SIGNAL
TYPE
FUNCTION
7−4
CSCSELECT
RW
Interrupt select for card status change. These bits select the interrupt routing for card status-change
interrupts. This field is encoded as:
0000 = CSC interrupts routed to PCI interrupts if bit 5 of the diagnostic register (PCI offset 93h) is set
to 1b. In this case bit 4 of ExCA 803 is a don’t care. This is the default setting.
0000 = No ISA interrupt routing if bit 5 of the diagnostic register (PCI offset 93h) is set to 0b. In this case,
CSC interrupts are routed to PCI interrupts by setting bit 4 of ExCA 803h to 1b.
0001 = IRQ1 enabled
0010 = SMI enabled
0011 = IRQ3 enabled
0100 = IRQ4 enabled
0101 = IRQ5 enabled
0110 = IRQ6 enabled
0111 = IRQ7 enabled
1000 = IRQ8 enabled
1001 = IRQ9 enabled
1010 = IRQ10 enabled
1011 = IRQ11 enabled
1100 = IRQ12 enabled
1101 = IRQ13 enabled
1110 = IRQ14 enabled
1111 = IRQ15 enabled
3†
CDEN
RW
Card detect enable. Enables interrupts on CD1 or CD2 changes. This bit is encoded as:
0 = Disables interrupts on CD1 or CD2 line changes (default)
1 = Enables interrupts on CD1 or CD2 line changes
2†
READYEN
RW
Ready enable. This bit enables/disables a low-to-high transition on the PC Card READY signal to generate
a host interrupt. This interrupt source is considered a card status change. This bit is encoded as:
0 = Disables host interrupt generation (default)
1 = Enables host interrupt generation
1†
BATWARNEN
RW
Battery warning enable. This bit enables/disables a battery warning condition to generate a CSC interrupt.
This bit is encoded as:
0 = Disables host interrupt generation (default)
1 = Enables host interrupt generation
0†
BATDEADEN
RW
Battery dead enable. This bit enables/disables a battery dead condition on a memory PC Card or assertion
of the STSCHG I/O PC Card signal to generate a CSC interrupt.
0 = Disables host interrupt generation (default)
1 = Enables host interrupt generation
† This bit is cleared only by the assertion of GRST when PME is enabled. If PME is not enabled, then this bit is cleared by the assertion of PRST
or GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com