Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 139 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 139 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 135Page - Texas Instruments PCI7621 Datasheet HTML 136Page - Texas Instruments PCI7621 Datasheet HTML 137Page - Texas Instruments PCI7621 Datasheet HTML 138Page - Texas Instruments PCI7621 Datasheet HTML 139Page - Texas Instruments PCI7621 Datasheet HTML 140Page - Texas Instruments PCI7621 Datasheet HTML 141Page - Texas Instruments PCI7621 Datasheet HTML 142Page - Texas Instruments PCI7621 Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 298 page
background image
5−11
5.7
ExCA Address Window Enable Register
The ExCA address window enable register enables/disables the memory and I/O windows to the 16-bit PC Card. By
default, all windows to the card are disabled. The PCI7x21/PCI7x11 controller does not acknowledge PCI memory
or I/O cycles to the card if the corresponding enable bit in this register is 0, regardless of the programming of the
memory or I/O window start/end/offset address registers. See Table 5−9 for a complete description of the register
contents.
Bit
7
6
5
4
3
2
1
0
Name
ExCA address window enable
Type
RW
RW
R
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
ExCA address window enable
Type:
Read-only, Read/Write
Offset:
CardBus socket address + 806h; Card A ExCA offset 06h
Card B ExCA offset 46h
Default:
00h
Table 5−9. ExCA Address Window Enable Register Description
BIT
SIGNAL
TYPE
FUNCTION
7
IOWIN1EN
RW
I/O window 1 enable. Bit 7 enables/disables I/O window 1 for the PC Card. This bit is encoded as:
0 = I/O window 1 disabled (default)
1 = I/O window 1 enabled
6
IOWIN0EN
RW
I/O window 0 enable. Bit 6 enables/disables I/O window 0 for the PC Card. This bit is encoded as:
0 = I/O window 0 disabled (default)
1 = I/O window 0 enabled
5
RSVD
R
Reserved. Bit 5 returns 0 when read.
4
MEMWIN4EN
RW
Memory window 4 enable. Bit 4 enables/disables memory window 4 for the PC Card. This bit is
encoded as:
0 = Memory window 4 disabled (default)
1 = Memory window 4 enabled
3
MEMWIN3EN
RW
Memory window 3 enable. Bit 3 enables/disables memory window 3 for the PC Card. This bit is
encoded as:
0 = Memory window 3 disabled (default)
1 = Memory window 3 enabled
2
MEMWIN2EN
RW
Memory window 2 enable. Bit 2 enables/disables memory window 2 for the PC Card. This bit is
encoded as:
0 = Memory window 2 disabled (default)
1 = Memory window 2 enabled
1
MEMWIN1EN
RW
Memory window 1 enable. Bit 1 enables/disables memory window 1 for the PC Card. This bit is
encoded as:
0 = Memory window 1 disabled (default)
1 = Memory window 1 enabled
0
MEMWIN0EN
RW
Memory window 0 enable. Bit 0 enables/disables memory window 0 for the PC Card. This bit is
encoded as:
0 = Memory window 0 disabled (default)
1 = Memory window 0 enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com