Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 157 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 157 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 153Page - Texas Instruments PCI7621 Datasheet HTML 154Page - Texas Instruments PCI7621 Datasheet HTML 155Page - Texas Instruments PCI7621 Datasheet HTML 156Page - Texas Instruments PCI7621 Datasheet HTML 157Page - Texas Instruments PCI7621 Datasheet HTML 158Page - Texas Instruments PCI7621 Datasheet HTML 159Page - Texas Instruments PCI7621 Datasheet HTML 160Page - Texas Instruments PCI7621 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 298 page
background image
6−5
Table 6−4. Socket Present State Register Description (Continued)
BIT
SIGNAL
TYPE
FUNCTION
9 †
BADVCCREQ
R
Bad VCC request. This bit indicates that the host software has requested that the socket be powered at
an invalid voltage.
0 = Normal operation (default)
1 = Invalid VCC request by host software
8 †
DATALOST
R
Data lost. This bit indicates that a PC Card removal event may have caused lost data because the cycle
did not terminate properly or because write data still resides in the PCI7x21/PCI7x11 controller.
0 = Normal operation (default)
1 = Potential data loss due to card removal
7 †
NOTACARD
R
Not a card. This bit indicates that an unrecognizable PC Card has been inserted in the socket. This bit is
not updated until a valid PC Card is inserted into the socket.
0 = Normal operation (default)
1 = Unrecognizable PC Card detected
6
IREQCINT
R
READY(IREQ)//CINT. This bit indicates the current status of the READY(IREQ)//CINT signal at the PC
Card interface.
0 = READY(IREQ)//CINT is low.
1 = READY(IREQ)//CINT is high.
5 †
CBCARD
R
CardBus card detected. This bit indicates that a CardBus PC Card is inserted in the socket. This bit is not
updated until another card interrogation sequence occurs (card insertion).
4 †
16BITCARD
R
16-bit card detected. This bit indicates that a 16-bit PC Card is inserted in the socket. This bit is not
updated until another card interrogation sequence occurs (card insertion).
3 †
PWRCYCLE
R
Power cycle. This bit indicates the status of each card powering request. This bit is encoded as:
0 = Socket is powered down (default).
1 = Socket is powered up.
2 †
CDETECT2
R
CCD2. This bit reflects the current status of the CCD2 signal at the PC Card interface. Changes to this
signal during card interrogation are not reflected here.
0 = CCD2 is low (PC Card may be present)
1 = CCD2 is high (PC Card not present)
1 †
CDETECT1
R
CCD1. This bit reflects the current status of the CCD1 signal at the PC Card interface. Changes to this
signal during card interrogation are not reflected here.
0 = CCD1 is low (PC Card may be present).
1 = CCD1 is high (PC Card not present).
0
CARDSTS
R
CSTSCHG. This bit reflects the current status of the CSTSCHG signal at the PC Card interface.
0 = CSTSCHG is low.
1 = CSTSCHG is high.
† One or more bits in the register are PME context bits and can be cleared only by the assertion of GRST when PME is enabled. If PME is not
enabled, then these bits are cleared by the assertion of PRST or GRST.
6.4
Socket Force Event Register
This register is used to force changes to the socket event register (offset 00h, see Section 6.1) and the socket present
state register (offset 08h, see Section 6.3). The CVSTEST bit (bit 14) in this register must be written when forcing
changes that require card interrogation. See Table 6−5 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Socket force event
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Socket force event
Type
R
W
W
W
W
W
W
W
W
R
W
W
W
W
W
W
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Register:
Socket force event
Offset:
CardBus Socket Address + 0Ch
Type:
Read-only, Write-only
Default:
0000 XXXXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com