Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 160 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 160 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 156Page - Texas Instruments PCI7621 Datasheet HTML 157Page - Texas Instruments PCI7621 Datasheet HTML 158Page - Texas Instruments PCI7621 Datasheet HTML 159Page - Texas Instruments PCI7621 Datasheet HTML 160Page - Texas Instruments PCI7621 Datasheet HTML 161Page - Texas Instruments PCI7621 Datasheet HTML 162Page - Texas Instruments PCI7621 Datasheet HTML 163Page - Texas Instruments PCI7621 Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 298 page
background image
6−8
6.6
Socket Power Management Register
This register provides power management control over the socket through a mechanism for slowing or stopping the
clock on the card interface when the card is idle. See Table 6−7 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Socket power management
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Socket power management
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Socket power management
Offset:
CardBus Socket Address + 20h
Type:
Read-only, Read/Write
Default:
0000 0000h
Table 6−7. Socket Power Management Register Description
BIT
SIGNAL
TYPE
FUNCTION
31−26
RSVD
R
Reserved. These bits return 0s when read.
25 ‡
SKTACCES
R
Socket access status. This bit provides information on whether a socket access has occurred. This bit is
cleared by a read access.
0 = No PC Card access has occurred (default).
1 = PC Card has been accessed.
24 ‡
SKTMODE
R
Socket mode status. This bit provides clock mode information.
0 = Normal clock operation
1 = Clock frequency has changed.
23−17
RSVD
R
These bits return 0s when read.
16
CLKCTRLEN
RW
CardBus clock control enable. This bit, when set, enables clock control according to bit 0 (CLKCTRL).
0 = Clock control disabled (default)
1 = Clock control enabled
15−1
RSVD
R
These bits return 0s when read.
0
CLKCTRL
RW
CardBus clock control. This bit determines whether the CardBus CLKRUN protocol attempts to stop or
slow the CardBus clock during idle states. The CLKCTRLEN bit enables this bit.
0 = Allows the CardBus CLKRUN protocol to attempt to stop the CardBus clock (default)
1 = Allows the CardBus CLKRUN protocol to attempt to slow the CardBus clock by a factor of 16
‡ This bit is cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com