Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 214 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 214 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 210Page - Texas Instruments PCI7621 Datasheet HTML 211Page - Texas Instruments PCI7621 Datasheet HTML 212Page - Texas Instruments PCI7621 Datasheet HTML 213Page - Texas Instruments PCI7621 Datasheet HTML 214Page - Texas Instruments PCI7621 Datasheet HTML 215Page - Texas Instruments PCI7621 Datasheet HTML 216Page - Texas Instruments PCI7621 Datasheet HTML 217Page - Texas Instruments PCI7621 Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 298 page
background image
8−34
8.36 Asynchronous Request Filter Low Register
The asynchronous request filter low set/clear register enables asynchronous receive requests on a per-node basis,
and handles the lower node IDs. Other than filtering different node IDs, this register behaves identically to the
asynchronous request filter high register. See Table 8−28 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Asynchronous request filter low
Type
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Asynchronous request filter low
Type
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Asynchronous request filter low
Offset:
108h
set register
10Ch
clear register
Type:
Read/Set/Clear
Default:
0000 0000h
Table 8−28. Asynchronous Request Filter Low Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
asynReqResource31
RSC
If bit 31 is set to 1 for local bus node number 31, asynchronous requests received by the controller
from that node are accepted.
30
asynReqResource30
RSC
If bit 30 is set to 1 for local bus node number 30, asynchronous requests received by the controller
from that node are accepted.
29−2
asynReqResourcen
RSC
Bits 29 through 2 (asynReqResourcen, where n = 29, 28, 27,
…, 2) follow the same pattern as
bits 31 and 30.
1
asynReqResource1
RSC
If bit 1 is set to 1 for local bus node number 1, asynchronous requests received by the controller
from that node are accepted.
0
asynReqResource0
RSC
If bit 0 is set to 1 for local bus node number 0, asynchronous requests received by the controller
from that node are accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com