Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 210 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 210 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 206Page - Texas Instruments PCI7621 Datasheet HTML 207Page - Texas Instruments PCI7621 Datasheet HTML 208Page - Texas Instruments PCI7621 Datasheet HTML 209Page - Texas Instruments PCI7621 Datasheet HTML 210Page - Texas Instruments PCI7621 Datasheet HTML 211Page - Texas Instruments PCI7621 Datasheet HTML 212Page - Texas Instruments PCI7621 Datasheet HTML 213Page - Texas Instruments PCI7621 Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 298 page
background image
8−30
8.33 PHY Layer Control Register
The PHY layer control register reads from or writes to a PHY register. See Table 8−25 for a complete description of
the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
PHY layer control
Type
RU
R
R
R
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
PHY layer control
Type
RWU
RWU
R
R
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
PHY layer control
Offset:
ECh
Type:
Read/Write/Update, Read/Write, Read/Update, Read-only
Default:
0000 0000h
Table 8−25. PHY Control Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
rdDone
RU
Bit 31 is cleared to 0 by the PCI7x21/PCI7x11 controller when either bit 15 (rdReg) or bit 14 (wrReg)
is set to 1. This bit is set to 1 when a register transfer is received from the PHY layer.
30−28
RSVD
R
Reserved. Bits 30−28 return 0s when read.
27−24
rdAddr
RU
This field is the address of the register most recently received from the PHY layer.
23−16
rdData
RU
This field is the contents of a PHY register that has been read.
15
rdReg
RWU
Bit 15 is set to 1 by software to initiate a read request to a PHY register, and is cleared by hardware
when the request has been sent. Bits 14 (wrReg) and 15 (rdReg) must not both be set to 1
simultaneously.
14
wrReg
RWU
Bit 14 is set to 1 by software to initiate a write request to a PHY register, and is cleared by hardware
when the request has been sent. Bits 14 (wrReg) and 15 (rdReg) must not both be set to 1
simultaneously.
13−12
RSVD
R
Reserved. Bits 13 and 12 return 0s when read.
11−8
regAddr
RW
This field is the address of the PHY register to be written or read. The default value for this field is 0h.
7−0
wrData
RW
This field is the data to be written to a PHY register and is ignored for reads. The default value for this
field is 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com