Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 206 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 206 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 202Page - Texas Instruments PCI7621 Datasheet HTML 203Page - Texas Instruments PCI7621 Datasheet HTML 204Page - Texas Instruments PCI7621 Datasheet HTML 205Page - Texas Instruments PCI7621 Datasheet HTML 206Page - Texas Instruments PCI7621 Datasheet HTML 207Page - Texas Instruments PCI7621 Datasheet HTML 208Page - Texas Instruments PCI7621 Datasheet HTML 209Page - Texas Instruments PCI7621 Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 298 page
background image
8−26
8.28 Initial Channels Available High Register
The initial channels available high register value is loaded into the corresponding bus management CSR register on
a system (hardware) or software reset. See Table 8−20 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Initial channels available high
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Initial channels available high
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Register:
Initial channels available high
Offset:
B4h
Type:
Read/Write
Default:
FFFF FFFFh
Table 8−20. Initial Channels Available High Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−0
InitChanAvailHi
RW
This field is reset to FFFF_FFFFh on a system (hardware) or software reset, and is not affected by
a 1394 bus reset. The value of this field is loaded into the CHANNELS_AVAILABLE_HI CSR
register upon a GRST, PRST, or a 1394 bus reset.
8.29 Initial Channels Available Low Register
The initial channels available low register value is loaded into the corresponding bus management CSR register on
a system (hardware) or software reset. See Table 8−21 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Initial channels available low
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Initial channels available low
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Register:
Initial channels available low
Offset:
B8h
Type:
Read/Write
Default:
FFFF FFFFh
Table 8−21. Initial Channels Available Low Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−0
InitChanAvailLo
RW
This field is reset to FFFF_FFFFh on a system (hardware) or software reset, and is not affected by
a 1394 bus reset. The value of this field is loaded into the CHANNELS_AVAILABLE_LO CSR
register upon a GRST, PRST, or a 1394 bus reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com