Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 202 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 202 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 198Page - Texas Instruments PCI7621 Datasheet HTML 199Page - Texas Instruments PCI7621 Datasheet HTML 200Page - Texas Instruments PCI7621 Datasheet HTML 201Page - Texas Instruments PCI7621 Datasheet HTML 202Page - Texas Instruments PCI7621 Datasheet HTML 203Page - Texas Instruments PCI7621 Datasheet HTML 204Page - Texas Instruments PCI7621 Datasheet HTML 205Page - Texas Instruments PCI7621 Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 298 page
background image
8−22
8.23 Isochronous Transmit Interrupt Event Register
The isochronous transmit interrupt event set/clear register reflects the interrupt state of the isochronous transmit
contexts. An interrupt is generated on behalf of an isochronous transmit context if an OUTPUT_LAST* command
completes and its interrupt bits are set to 1. Upon determining that the isochTx (bit 6) interrupt has occurred in the
interrupt event register at OHCI offset 80h/84h (see Section 8.21), software can check this register to determine which
context(s) caused the interrupt. The interrupt bits are set to 1 by an asserting edge of the corresponding interrupt
signal, or by writing a 1 in the corresponding bit in the set register. The only mechanism to clear a bit in this register
is to write a 1 to the corresponding bit in the clear register. See Table 8−17 for a complete description of the register
contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Isochronous transmit interrupt event
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Isochronous transmit interrupt event
Type
R
R
R
R
R
R
R
R
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
0
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
Register:
Isochronous transmit interrupt event
Offset:
90h
set register
94h
clear register [returns the contents of the isochronous transmit interrupt event
register bit-wise ANDed with the isochronous transmit interrupt mask register
when read]
Type:
Read/Set/Clear, Read-only
Default:
0000 00XXh
Table 8−17. Isochronous Transmit Interrupt Event Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−8
RSVD
R
Reserved. Bits 31−8 return 0s when read.
7
isoXmit7
RSC
Isochronous transmit channel 7 caused the interrupt event register bit 6 (isochTx) interrupt.
6
isoXmit6
RSC
Isochronous transmit channel 6 caused the interrupt event register bit 6 (isochTx) interrupt.
5
isoXmit5
RSC
Isochronous transmit channel 5 caused the interrupt event register bit 6 (isochTx) interrupt.
4
isoXmit4
RSC
Isochronous transmit channel 4 caused the interrupt event register bit 6 (isochTx) interrupt.
3
isoXmit3
RSC
Isochronous transmit channel 3 caused the interrupt event register bit 6 (isochTx) interrupt.
2
isoXmit2
RSC
Isochronous transmit channel 2 caused the interrupt event register bit 6 (isochTx) interrupt.
1
isoXmit1
RSC
Isochronous transmit channel 1 caused the interrupt event register bit 6 (isochTx) interrupt.
0
isoXmit0
RSC
Isochronous transmit channel 0 caused the interrupt event register bit 6 (isochTx) interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com