Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 200 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 200 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 196Page - Texas Instruments PCI7621 Datasheet HTML 197Page - Texas Instruments PCI7621 Datasheet HTML 198Page - Texas Instruments PCI7621 Datasheet HTML 199Page - Texas Instruments PCI7621 Datasheet HTML 200Page - Texas Instruments PCI7621 Datasheet HTML 201Page - Texas Instruments PCI7621 Datasheet HTML 202Page - Texas Instruments PCI7621 Datasheet HTML 203Page - Texas Instruments PCI7621 Datasheet HTML 204Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 298 page
background image
8−20
8.22 Interrupt Mask Register
The interrupt mask set/clear register enables the various PCI7x21/PCI7x11 interrupt sources. Reads from either the
set register or the clear register always return the contents of the interrupt mask register. In all cases except
masterIntEnable (bit 31) and vendorSpecific (bit 30), the enables for each interrupt event align with the interrupt event
register bits detailed in Table 8−15.
This register is fully compliant with the 1394 Open Host Controller Interface Specification and the PCI7x21/PCI7x11
controller adds an interrupt function to bit 30. See Table 8−16 for a complete description of bits 31 and 30.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Interrupt mask
Type
RSCU
RSC
RSC
R
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
X
X
0
0
0
X
X
X
X
X
X
X
X
0
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Interrupt mask
Type
RSC
R
R
R
R
R
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
Register:
Interrupt mask
Offset:
88h
set register
8Ch
clear register
Type:
Read/Set/Clear/Update, Read/Set/Clear, Read/Update, Read-only
Default:
XXXX 0XXXh
Table 8−16. Interrupt Mask Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
masterIntEnable
RSCU
Master interrupt enable. If bit 31 is set to 1, then external interrupts are generated in accordance with
the interrupt mask register. If this bit is cleared, then external interrupts are not generated regardless
of the interrupt mask register settings.
30
VendorSpecific
RSC
When this bit and bit 30 (vendorSpecific) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this vendor-specific interrupt mask enables interrupt generation.
29
SoftInterrupt
RSC
When this bit and bit 29 (SoftInterrupt) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this soft-interrupt mask enables interrupt generation.
28
RSVD
R
Reserved. Bit 28 returns 0 when read.
27
ack_tardy
RSC
When this bit and bit 27 (ack_tardy) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this acknowledge-tardy interrupt mask enables interrupt generation.
26
phyRegRcvd
RSC
When this bit and bit 26 (phyRegRcvd) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this PHY-register interrupt mask enables interrupt generation.
25
cycleTooLong
RSC
When this bit and bit 25 (cycleTooLong) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this cycle-too-long interrupt mask enables interrupt generation.
24
unrecoverableError
RSC
When this bit and bit 24 (unrecoverableError) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this unrecoverable-error interrupt mask enables interrupt generation.
23
cycleInconsistent
RSC
When this bit and bit 23 (cycleInconsistent) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this inconsistent-cycle interrupt mask enables interrupt generation.
22
cycleLost
RSC
When this bit and bit 22 (cycleLost) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this lost-cycle interrupt mask enables interrupt generation.
21
cycle64Seconds
RSC
When this bit and bit 21 (cycle64Seconds) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this 64-second-cycle interrupt mask enables interrupt generation.
20
cycleSynch
RSC
When this bit and bit 20 (cycleSynch) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this isochronous-cycle interrupt mask enables interrupt generation.
19
phy
RSC
When this bit and bit 19 (phy) in the interrupt event register at OHCI offset 80h/84h (see Section 8.21)
are set to 1, this PHY-status-transfer interrupt mask enables interrupt generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com