Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 204 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 204 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 200Page - Texas Instruments PCI7621 Datasheet HTML 201Page - Texas Instruments PCI7621 Datasheet HTML 202Page - Texas Instruments PCI7621 Datasheet HTML 203Page - Texas Instruments PCI7621 Datasheet HTML 204Page - Texas Instruments PCI7621 Datasheet HTML 205Page - Texas Instruments PCI7621 Datasheet HTML 206Page - Texas Instruments PCI7621 Datasheet HTML 207Page - Texas Instruments PCI7621 Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 298 page
background image
8−24
8.25 Isochronous Receive Interrupt Event Register
The isochronous receive interrupt event set/clear register reflects the interrupt state of the isochronous receive
contexts. An interrupt is generated on behalf of an isochronous receive context if an INPUT_* command completes
and its interrupt bits are set to 1. Upon determining that the isochRx (bit 7) interrupt in the interrupt event register at
OHCI offset 80h/84h (see Section 8.21) has occurred, software can check this register to determine which context(s)
caused the interrupt. The interrupt bits are set to 1 by an asserting edge of the corresponding interrupt signal or by
writing a 1 in the corresponding bit in the set register. The only mechanism to clear a bit in this register is to write a
1 to the corresponding bit in the clear register. See Table 8−18 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Isochronous receive interrupt event
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Isochronous receive interrupt event
Type
R
R
R
R
R
R
R
R
R
R
R
R
RSC
RSC
RSC
RSC
Default
0
0
0
0
0
0
0
0
0
0
0
0
X
X
X
X
Register:
Isochronous receive interrupt event
Offset:
A0h
set register
A4h
clear register [returns the contents of isochronous receive interrupt event register
bit-wise ANDed with the isochronous receive mask register when read]
Type:
Read/Set/Clear, Read-only
Default:
0000 000Xh
Table 8−18. Isochronous Receive Interrupt Event Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−4
RSVD
R
Reserved. Bits 31−4 return 0s when read.
3
isoRecv3
RSC
Isochronous receive channel 3 caused the interrupt event register bit 7 (isochRx) interrupt.
2
isoRecv2
RSC
Isochronous receive channel 2 caused the interrupt event register bit 7 (isochRx) interrupt.
1
isoRecv1
RSC
Isochronous receive channel 1 caused the interrupt event register bit 7 (isochRx) interrupt.
0
isoRecv0
RSC
Isochronous receive channel 0 caused the interrupt event register bit 7 (isochRx) interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com