Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 225 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 225 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 221Page - Texas Instruments PCI7621 Datasheet HTML 222Page - Texas Instruments PCI7621 Datasheet HTML 223Page - Texas Instruments PCI7621 Datasheet HTML 224Page - Texas Instruments PCI7621 Datasheet HTML 225Page - Texas Instruments PCI7621 Datasheet HTML 226Page - Texas Instruments PCI7621 Datasheet HTML 227Page - Texas Instruments PCI7621 Datasheet HTML 228Page - Texas Instruments PCI7621 Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 298 page
background image
9−1
9 TI Extension Registers
The TI extension base address register provides a method of accessing memory-mapped TI extension registers. See
Section 7.9, TI Extension Base Address Register, for register bit field details. See Table 9−1 for the TI extension
register listing.
Table 9−1. TI Extension Register Map
REGISTER NAME
OFFSET
Reserved
00h−A7Fh
Isochronous Receive DV Enhancement Set
A80h
Isochronous Receive DV Enhancement Clear
A84h
Link Enhancement Control Set
A88h
Link Enhancement Control Clear
A8Ch
Isochronous Transmit Context 0 Timestamp Offset
A90h
Isochronous Transmit Context 1 Timestamp Offset
A94h
Isochronous Transmit Context 2 Timestamp Offset
A98h
Isochronous Transmit Context 3 Timestamp Offset
A9Ch
Isochronous Transmit Context 4 Timestamp Offset
AA0h
Isochronous Transmit Context 5 Timestamp Offset
AA4h
Isochronous Transmit Context 6 Timestamp Offset
AA8h
Isochronous Transmit Context 7 Timestamp Offset
AACh
9.1
DV and MPEG2 Timestamp Enhancements
The DV timestamp enhancements are enabled by bit 8 (enab_dv_ts) in the link enhancement control register located
at PCI offset F4h and are aliased in TI extension register space at offset A88h (set) and A8Ch (clear).
The DV and MPEG transmit enhancements are enabled separately by bits in the link enhancement control register
located in PCI configuration space at PCI offset F4h. The link enhancement control register is also aliased as a
set/clear register in TI extension space at offset A88h (set) and A8Ch (clear).
Bit 8 (enab_dv_ts) of the link enhancement control register enables DV timestamp support. When enabled, the link
calculates a timestamp based on the cycle timer and the timestamp offset register and substitutes it in the SYT field
of the CIP once per DV frame.
Bit 10 (enab_mpeg_ts) of the link enhancement control register enables MPEG timestamp support. Two MPEG time
stamp modes are supported. The default mode calculates an initial delta that is added to the calculated timestamp
in addition to a user-defined offset. The initial offset is calculated as the difference in the intended transmit cycle count
and the cycle count field of the timestamp in the first TSP of the MPEG2 stream. The use of the initial delta can be
controlled by bit 31 (DisableInitialOffset) in the timestamp offset register (see Section 9.5).
The MPEG2 timestamp enhancements are enabled by bit 10 (enab_mpeg_ts) in the link enhancement control
register located at PCI offset F4h and aliased in TI extension register space at offset A88h (set) and A8Ch (clear).
When bit 10 (enab_mpeg_ts) is set to 1, the hardware applies the timestamp enhancements to isochronous transmit
packets that have the tag field equal to 01b in the isochronous packet header and a FMT field equal to 10h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com