Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 227 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 227 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 223Page - Texas Instruments PCI7621 Datasheet HTML 224Page - Texas Instruments PCI7621 Datasheet HTML 225Page - Texas Instruments PCI7621 Datasheet HTML 226Page - Texas Instruments PCI7621 Datasheet HTML 227Page - Texas Instruments PCI7621 Datasheet HTML 228Page - Texas Instruments PCI7621 Datasheet HTML 229Page - Texas Instruments PCI7621 Datasheet HTML 230Page - Texas Instruments PCI7621 Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 298 page
background image
9−3
Table 9−2. Isochronous Receive Digital Video Enhancements Register Description (Continued)
BIT
FIELD NAME
TYPE
DESCRIPTION
7−6
RSVD
R
Reserved. Bits 7 and 6 return 0s when read.
5
DV_Branch1
RSC
When bit 5 is set to 1, the isochronous receive context 1 synchronizes reception to the DV frame start
tag in bufferfill mode if input_more.b = 01b, and jumps to the descriptor pointed to by frameBranch if
a DV frame start tag is received out of place. This bit is only interpreted when bit 4 (CIP_Strip1) is set
to 1 and bit 30 (isochHeader) in the isochronous receive context control register at OHCI offset
420h/424h (see Section 8.44) is cleared to 0.
4
CIP_Strip1
RSC
When bit 4 is set to 1, the isochronous receive context 1 strips the first two quadlets of payload. This
bit is only interpreted when bit 30 (isochHeader) in the isochronous receive context control register at
OHCI offset 420h/424h (see Section 8.44) is cleared to 0.
3−2
RSVD
R
Reserved. Bits 3 and 2 return 0s when read.
1
DV_Branch0
RSC
When bit 1 is set to 1, the isochronous receive context 0 synchronizes reception to the DV frame start
tag in bufferfill mode if input_more.b = 01b and jumps to the descriptor pointed to by frameBranch if
a DV frame start tag is received out of place. This bit is only interpreted when bit 0 (CIP_Strip0) is set
to 1 and bit 30 (isochHeader) in the isochronous receive context control register at OHCI offset
400h/404h (see Section 8.44) is cleared to 0.
0
CIP_Strip0
RSC
When bit 0 is set to 1, the isochronous receive context 0 strips the first two quadlets of payload. This
bit is only interpreted when bit 30 (isochHeader) in the isochronous receive context control register at
OHCI offset 400h/404h (see Section 8.44) is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com