Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 234 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 234 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 230Page - Texas Instruments PCI7621 Datasheet HTML 231Page - Texas Instruments PCI7621 Datasheet HTML 232Page - Texas Instruments PCI7621 Datasheet HTML 233Page - Texas Instruments PCI7621 Datasheet HTML 234Page - Texas Instruments PCI7621 Datasheet HTML 235Page - Texas Instruments PCI7621 Datasheet HTML 236Page - Texas Instruments PCI7621 Datasheet HTML 237Page - Texas Instruments PCI7621 Datasheet HTML 238Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 298 page
background image
10−4
10.2 Port Status Register
The port status page provides access to configuration and status information for each of the ports. The port is selected
by writing 0 to the Page_Select field and the desired port number to the Port_Select field in base register 7. Table 10−3
shows the configuration of the port status page registers and Table 10−4 shows the corresponding field descriptions.
If the selected port is not implemented, all registers in the port status page are read as 0.
Table 10−3. Page 0 (Port Status) Register Configuration
BIT POSITION
ADDRESS
0
1
2
3
4
5
6
7
1000
AStat
BStat
Ch
Con
Bias
Dis
1001
Peer_Speed
Int_enable
Fault
Reserved
1010
Reserved
1011
Reserved
1100
Reserved
1101
Reserved
1110
Reserved
1111
Reserved
Table 10−4. Page 0 (Port Status) Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
AStat
2
R
TPA line state. This field indicates the TPA line state of the selected port, encoded as follows:
Code
Arb Value
11
Z
10
0
01
1
00
invalid
BStat
2
R
TPB line state. This field indicates the TPB line state of the selected port. This field has the same encoding as
the AStat field.
Ch
1
R
Child/parent status. A 1 indicates that the selected port is a child port. A 0 indicates that the selected port is
the parent port. A disconnected, disabled, or suspended port is reported as a child port. The Ch bit is invalid
after a bus reset until tree-ID has completed.
Con
1
R
Debounced port connection status. This bit indicates that the selected port is connected. The connection
must be stable for the debounce time of approximately 341 ms for the Con bit to be set to 1. The Con bit is
cleared to 0 by system (hardware) reset and is unaffected by bus reset.
NOTE: The Con bit indicates that the port is physically connected to a peer PHY device, but the port is not
necessarily active.
Bias
1
R
Debounced incoming cable bias status. A 1 indicates that the selected port is detecting incoming cable bias.
The incoming cable bias must be stable for the debounce time of 52
µs for the Bias bit to be set to 1.
Dis
1
RW
Port disabled control. If the Dis bit is set to 1, the selected port is disabled. The Dis bit is cleared to 0 by
system (hardware) reset (all ports are enabled for normal operation following system (hardware) reset). The
Dis bit is not affected by bus reset.
Peer_Speed
3
R
Port peer speed. This field indicates the highest speed capability of the peer PHY device connected to the
selected port, encoded as follows:
Code
Peer Speed
000
S100
001
S200
010
S400
011−111
invalid
The Peer_Speed field is invalid after a bus reset until self-ID has completed.
NOTE: Peer speed codes higher than 010b (S400) are defined in IEEE Std 1394a-2000. However, the
PCI7x21/PCI7x11 controller is only capable of detecting peer speeds up to S400.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com