Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 236 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 236 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 232Page - Texas Instruments PCI7621 Datasheet HTML 233Page - Texas Instruments PCI7621 Datasheet HTML 234Page - Texas Instruments PCI7621 Datasheet HTML 235Page - Texas Instruments PCI7621 Datasheet HTML 236Page - Texas Instruments PCI7621 Datasheet HTML 237Page - Texas Instruments PCI7621 Datasheet HTML 238Page - Texas Instruments PCI7621 Datasheet HTML 239Page - Texas Instruments PCI7621 Datasheet HTML 240Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 298 page
background image
10−6
10.4 Vendor-Dependent Register
The vendor-dependent page provides access to the special control features of the PCI7x21/PCI7x11 controller, as
well as to configuration and status information used in manufacturing test and debug. This page is selected by writing
7 to the Page_Select field in base register 7. Table 10−7 shows the configuration of the vendor-dependent page, and
Table 10−8 shows the corresponding field descriptions.
Table 10−7. Page 7 (Vendor-Dependent) Register Configuration
BIT POSITION
ADDRESS
0
1
2
3
4
5
6
7
1000
NPA
Reserved
Link_Speed
1001
Reserved for test
1010
Reserved for test
1011
Reserved for test
1100
Reserved for test
1101
Reserved for test
1110
Reserved for test
1111
Reserved for test
Table 10−8. Page 7 (Vendor-Dependent) Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
NPA
1
RW
Null-packet actions flag. This bit instructs the PHY layer to not clear fair and priority requests when a null
packet is received with arbitration acceleration enabled. If this bit is set to 1, fair and priority requests are
cleared only when a packet of more than 8 bits is received; ACK packets (exactly 8 data bits), null packets
(no data bits), and malformed packets (less than 8 data bits) do not clear fair and priority requests. If this bit is
cleared to 0, fair and priority requests are cleared when any non-ACK packet is received, including null
packets or malformed packets of less than 8 bits. This bit is cleared to 0 by system (hardware) reset and is
unaffected by bus reset.
Link_Speed
2
RW
Link speed. This field indicates the top speed capability of the attached LLC. Encoding is as follows:
Code
Speed
00
S100
01
S200
10
S400
11
illegal
This field is replicated in the sp field of the self-ID packet to indicate the speed capability of the node (PHY
and LLC in combination). However, this field does not affect the PHY speed capability indicated to peer
PHYs during self-ID; the PCI7x21/PCI7x11 PHY layer identifies itself as S400 capable to its peers
regardless of the value in this field. This field is set to 10b (S400) by system (hardware) reset and is
unaffected by bus reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com