Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 246 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 246 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 242Page - Texas Instruments PCI7621 Datasheet HTML 243Page - Texas Instruments PCI7621 Datasheet HTML 244Page - Texas Instruments PCI7621 Datasheet HTML 245Page - Texas Instruments PCI7621 Datasheet HTML 246Page - Texas Instruments PCI7621 Datasheet HTML 247Page - Texas Instruments PCI7621 Datasheet HTML 248Page - Texas Instruments PCI7621 Datasheet HTML 249Page - Texas Instruments PCI7621 Datasheet HTML 250Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 298 page
background image
11−8
11.12 Interrupt Line Register
The interrupt line register is programmed by the system and indicates to the software which interrupt line the flash
media interface has assigned to it. The default value of this register is FFh, indicating that an interrupt line has not
yet been assigned to the function.
Bit
7
6
5
4
3
2
1
0
Name
Interrupt line
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
1
1
1
1
1
1
1
1
Register:
Interrupt line
Offset:
3Ch
Type:
Read/Write
Default:
FFh
11.13 Interrupt Pin Register
This register decodes the interrupt select inputs and returns the proper interrupt value based on Table 11−8, indicating
that the flash media interface uses an interrupt. If one of the USE_INTx terminals is asserted, the interrupt select bits
are ignored, and this register returns the interrupt value for the highest priority USE_INTx terminal that is asserted.
If bit 28, the tie-all bit (TIEALL), in the system control register (PCI offset 80h, see Section 4.29) is set to 1, then the
PCI7x21/PCI7x11 controller asserts the USE_INTA input to the flash media controller core. If bit 28 (TIEALL) in the
system control register (PCI offset 80h, see Section 4.29) is set to 0, then none of the USE_INTx inputs are asserted
and the interrupt for the flash media function is selected by the INT_SEL bits in the flash media general control register.
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
X
X
X
Register:
Interrupt pin
Offset:
3Dh
Type:
Read-only
Default:
0Xh
Table 11−8. PCI Interrupt Pin Register
INT_SEL BITS
USE_INTA
INTPIN
00
0
01h (INTA)
01
0
02h (INTB)
10
0
03h (INTC)
11
0
04h (INTD)
XX
1
01h (INTA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com