Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 247 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 247 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 243Page - Texas Instruments PCI7621 Datasheet HTML 244Page - Texas Instruments PCI7621 Datasheet HTML 245Page - Texas Instruments PCI7621 Datasheet HTML 246Page - Texas Instruments PCI7621 Datasheet HTML 247Page - Texas Instruments PCI7621 Datasheet HTML 248Page - Texas Instruments PCI7621 Datasheet HTML 249Page - Texas Instruments PCI7621 Datasheet HTML 250Page - Texas Instruments PCI7621 Datasheet HTML 251Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 298 page
background image
11−9
11.14 Minimum Grant Register
The minimum grant register contains the minimum grant value for the flash media controller core.
Bit
7
6
5
4
3
2
1
0
Name
Minimum grant
Type
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
0
0
1
1
1
Register:
Minimum grant
Offset:
3Eh
Type:
Read/Update
Default:
07h
Table 11−9. Minimum Grant Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
7−0
MIN_GNT
RU
Minimum grant. The contents of this field may be used by host BIOS to assign a latency timer register value
to the flash media controller. The default for this register indicates that the flash media controller may need
to sustain burst transfers for nearly 64
µs and thus request a large value be programmed in bits 15−8 of
the PCI7x21/PCI7x11 latency timer and class cache line size register at offset 0Ch in the PCI configuration
space (see Section 11.6).
11.15 Maximum Latency Register
The maximum latency register contains the maximum latency value for the flash media controller core.
Bit
7
6
5
4
3
2
1
0
Name
Maximum latency
Type
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
0
0
1
0
0
Register:
Maximum latency
Offset:
3Eh
Type:
Read/Update
Default:
04h
Table 11−10. Maximum Latency Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
7−0
MAX_LAT
RU
Maximum latency. The contents of this field may be used by host BIOS to assign an arbitration priority level
to the flash media controller. The default for this register indicates that the flash media controller may need
to access the PCI bus as often as every 0.25
µs; thus, an extremely high priority level is requested. The
contents of this field may also be loaded through the serial EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com