Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 257 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 257 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 253Page - Texas Instruments PCI7621 Datasheet HTML 254Page - Texas Instruments PCI7621 Datasheet HTML 255Page - Texas Instruments PCI7621 Datasheet HTML 256Page - Texas Instruments PCI7621 Datasheet HTML 257Page - Texas Instruments PCI7621 Datasheet HTML 258Page - Texas Instruments PCI7621 Datasheet HTML 259Page - Texas Instruments PCI7621 Datasheet HTML 260Page - Texas Instruments PCI7621 Datasheet HTML 261Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 298 page
background image
12−3
12.3 Command Register
The command register provides control over the SD host controller interface to the PCI bus. All bit functions adhere
to the definitions in the PCI Local Bus Specification, as seen in the following bit descriptions. See Table 12−2 for a
complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Command
Type
R
R
R
R
R
RW
R
RW
R
RW
R
RW
R
RW
RW
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Command
Offset:
04h
Type:
Read/Write, Read-only
Default:
0000h
Table 12−2. Command Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15−11
RSVD
R
Reserved. Bits 15−11 return 0s when read.
10
INT_DISABLE
RW
INTx disable. When set to 1, this bit disables the function from asserting interrupts on the INTx signals.
0 = INTx assertion is enabled (default)
1 = INTx assertion is disabled
9
FBB_ENB
R
Fast back-to-back enable. The SD host controller does not generate fast back-to-back transactions;
therefore, bit 9 returns 0 when read.
8
SERR_ENB
RW
SERR enable. When bit 8 is set to 1, the SD host controller SERR driver is enabled. SERR can be
asserted after detecting an address parity error on the PCI bus.
7
STEP_ENB
R
Address/data stepping control. The SD host controller does not support address/data stepping;
therefore, bit 7 is hardwired to 0.
6
PERR_ENB
RW
Parity error enable. When bit 6 is set to 1, the SD host controller is enabled to drive PERR response
to parity errors through the PERR signal.
5
VGA_ENB
R
VGA palette snoop enable. The SD host controller does not feature VGA palette snooping; therefore,
bit 5 returns 0 when read.
4
MWI_ENB
RW
Memory write and invalidate enable. The SD host controller does not generate memory write invalidate
transactions; therefore, bit 4 returns 0 when read.
3
SPECIAL
R
Special cycle enable. The SD host controller does not respond to special cycle transactions; therefore,
bit 3 returns 0 when read.
2
MASTER_ENB
RW
Bus master enable. When bit 2 is set to 1, the SD host controller is enabled to initiate cycles on the
PCI bus.
1
MEMORY_ENB
RW
Memory response enable. Setting bit 1 to 1 enables the SD host controller to respond to memory cycles
on the PCI bus.
0
IO_ENB
R
I/O space enable. The SD host controller does not implement any I/O-mapped functionality; therefore,
bit 0 returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com