Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 259 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 259 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 255Page - Texas Instruments PCI7621 Datasheet HTML 256Page - Texas Instruments PCI7621 Datasheet HTML 257Page - Texas Instruments PCI7621 Datasheet HTML 258Page - Texas Instruments PCI7621 Datasheet HTML 259Page - Texas Instruments PCI7621 Datasheet HTML 260Page - Texas Instruments PCI7621 Datasheet HTML 261Page - Texas Instruments PCI7621 Datasheet HTML 262Page - Texas Instruments PCI7621 Datasheet HTML 263Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 298 page
background image
12−5
12.5 Class Code and Revision ID Register
The class code and revision ID register categorizes the base class, subclass, and programming interface of the
function. The base class is 08h, identifying the controller as a generic system peripheral. The subclass is 05h,
identifying the function as an SD host controller. The programming interface is 01h, indicating that the function is a
standard SD host with DMA capabilities. Furthermore, the TI chip revision is indicated in the least significant byte
(00h). See Table 12−4 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Class code and revision ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
1
0
0
0
0
0
0
0
0
1
0
1
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Class code and revision ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
Register:
Class code and revision ID
Offset:
08h
Type:
Read-only
Default:
0805 0XXXh
Table 12−4. Class Code and Revision ID Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−24
BASECLASS
R
Base class. This field returns 08h when read, which broadly classifies the function as a generic system
peripheral.
23−16
SUBCLASS
R
Subclass. This field returns 05h when read, which specifically classifies the function as an SD host
controller.
15−8
PGMIF
R
Programming interface. If bit 0 (DMA_EN) in the general control register is 0, then this field returns 00h
when read to indicate that the function is a standard SD host without DMA capabilities. If the DMA_EN
bit is 1, then this field returns 01h when read to indicate that the function is a standard SD host with
DMA capabilities.
7−0
CHIPREV
R
Silicon revision. This field returns the silicon revision of the SD host controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com