Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 293 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 293 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 289Page - Texas Instruments PCI7621 Datasheet HTML 290Page - Texas Instruments PCI7621 Datasheet HTML 291Page - Texas Instruments PCI7621 Datasheet HTML 292Page - Texas Instruments PCI7621 Datasheet HTML 293Page - Texas Instruments PCI7621 Datasheet HTML 294Page - Texas Instruments PCI7621 Datasheet HTML 295Page - Texas Instruments PCI7621 Datasheet HTML 296Page - Texas Instruments PCI7621 Datasheet HTML 297Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 298 page
background image
14−3
Recommended Operating Conditions (continued)
OPERATION
MIN
NOM
MAX
UNIT
S100 operation
±1.08
Receive input jitter
TPA, TPB cable inputs
S200 operation
±0.5
ns
Receive input jitter
TPA, TPB cable inputs
S400 operation
±0.315
ns
S100 operation
±0.8
Receive input skew
Between TPA and TPB cable inputs
S200 operation
±0.55
ns
Receive input skew
Between TPA and TPB cable inputs
S400 operation
±0.5
ns
TA
Operating ambient temperature range
0
25
70
°C
TJ#
Virtual junction temperature
0
25
115
°C
† Applies to external inputs and bidirectional buffers without hysteresis
‡ Miscellaneous terminals are A03, B17, C15, C18, E05, E08, F19, H03, J01, J02, J03, J05, J06, J07, L02, L03, L05, M01, M02, M03, N01, N02,
N13, P12, P15, R02, R17, T01 (A_CCDx, A_CDx, A_CVSx, A_VSx, B_CCDx, B_CDx, B_CVSx, B_VSx, SD_DAT0, SD_DAT2, SD_DAT3,
SD_CMD, SD_CLK, SD_DAT1, SM_CLE, SC_CD, SC_OC, SC_PWR_CTRL, CLK_48, SDA, SCL, DATA, LATCH, TEST0, CNA, SUSPEND,
PHY_TEST_MA, and GRST terminals).
§ Applies to external output buffers
¶ For a node that does not source power, see Section 4.2.2.2 in IEEE Std 1394a−2000.
# These junction temperatures reflect simulation conditions. The customer is responsible for verifying junction temperature.
kMFUNC(0:6) share the same specifications as the PCI terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com