Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 294 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 294 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 290Page - Texas Instruments PCI7621 Datasheet HTML 291Page - Texas Instruments PCI7621 Datasheet HTML 292Page - Texas Instruments PCI7621 Datasheet HTML 293Page - Texas Instruments PCI7621 Datasheet HTML 294Page - Texas Instruments PCI7621 Datasheet HTML 295Page - Texas Instruments PCI7621 Datasheet HTML 296Page - Texas Instruments PCI7621 Datasheet HTML 297Page - Texas Instruments PCI7621 Datasheet HTML 298Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 294 / 298 page
background image
14−4
14.3 Electrical Characteristics Over Recommended Operating Conditions (unless
otherwise noted)
PARAMETER
TERMINALS
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
PCI
3.3 V
IOH = −0.5 mA
0.9 VCC
PCI
5 V
IOH = −2 mA
2.4
VOH
High-level output voltage
3.3 V CardBus
IOH = −0.15 mA
0.9 VCC
V
VOH
High-level output voltage
PC Card
3.3 V 16-bit
IOH = −0.15 mA
2.4
V
PC Card
5 V 16-bit
IOH = −0.15 mA
2.8
Miscellaneous§
IOH = −4 mA
VCC−0.6
Miscellaneous§
IOH = −4 mA
VCC−0.6
PCI
3.3 V
IOL = 1.5 mA
0.1 VCC
PCI
5 V
IOL = 6 mA
0.55
VOL
Low-level output voltage
3.3 V CardBus
IOL = 0.7 mA
0.1 VCC
V
VOL
Low-level output voltage
PC Card
3.3 V 16-bit
IOL = 0.7 mA
0.4
V
PC Card
5 V 16-bit
IOL = 0.7 mA
0.55
Miscellaneous§
IOL = 4 mA
0.5
IOZ
3-state output high-impedance
Output terminals
3.6 V
VO = VCC or GND
±20
µA
IOZL
High-impedance, low-level
Output terminals
3.6 V
VI = VCC
−1
A
IOZL
High-impedance, low-level
output current
Output terminals
5.25 V
VI = VCC
−1
µA
IOZH
High-impedance, high-level
Output terminals
3.6 V
VI = VCC†
10
A
IOZH
High-impedance, high-level
output current
Output terminals
5.25 V
VI = VCC†
25
µA
IIL
Low-level input current
Input terminals
3.6 V
VI = GND
±20
A
IIL
Low-level input current
I/O terminals
3.6 V
VI = GND
±20
µA
PCI
3.6 V
VI = VCC‡
±20
Others
3.6 V
VI = VCC‡
±20
IIH
High-level input current
Input terminals
3.6 V
VI = VCC‡
10
µA
IIH
High-level input current
Input terminals
5.25 V
VI = VCC‡
20
µA
I/O terminals
3.6 V
VI = VCC‡
10
I/O terminals
5.25 V
VI = VCC‡
25
† For PCI and miscellaneous terminals, VI = VCCP. For PC Card terminals, VI = VCC(A/B).
‡ For I/O terminals, input leakage (IIL and IIH) includes IOZ leakage of the disabled output.
§ Miscellaneous terminals are A03, B17, C15, C18, E05, E08, F19, H03, J01, J02, J03, J05, J06, J07, L02, L03, L05, M01, M02, M03, N01, N02,
N13, P12, P15, R02, R17, T01 (A_CCDx, A_CDx, A_CVSx, A_VSx, B_CCDx, B_CDx, B_CVSx, B_VSx, SD_DAT0, SD_DAT2, SD_DAT3,
SD_CMD, SD_CLK, SD_DAT1, SM_CLE, SC_CD, SC_OC, SC_PWR_CTRL, CLK_48, SDA, SCL, DATA, LATCH, TEST0, CNA, SUSPEND,
PHY_TEST_MA, and GRST terminals).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com