| Electronic Components Datasheet Search |
|
PCI7421 Datasheet(PDF) 50 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI7421 Datasheet(HTML) 50 Page - Texas Instruments |
|
50 / 298 page ![]() 2−24 Table 2−14. CardBus PC Card Interface Control Terminals If any CardBus PC Card interface control terminal is unused, then the terminal may be left floating. SKT A TERMINAL SKT B TERMINAL† DESCRIPTION I/O INPUT OUTPUT PU/ POWER NAME NO. NAME NO. DESCRIPTION I/O TYPE INPUT OUTPUT PU/ PD POWER RAIL A_CAUDIO A02 B_CAUDIO C17 CardBus audio. CAUDIO is a digital input signal from a PC Card to the system speaker. The controller supports the binary audio mode and outputs a binary signal from the card to SPKROUT. I PCII4 PCIO4 PU3 VCCA/ VCCB A_CBLOCK E10 B_CBLOCK J19 CardBus lock. CBLOCK is used to gain exclusive access to a target. I/O PCII4 PCIO4 PU3 VCCA/ VCCB A_CCD1 C15 B_CCD1 N13 CardBus detect 1 and CardBus detect 2. CCD1 and CCD2 are used in conjunction with CVS1 and CVS2 I TTLI2 PU4 A_CCD1 A_CCD2 C15 E05 B_CCD1 B_CCD2 N13 B17 CCD2 are used in conjunction with CVS1 and CVS2 to identify card insertion and interrogate cards to determine the operating voltage and card type. I TTLI2 PU4 A_CDEVSEL C09 B_CDEVSEL H19 CardBus device select. The controller asserts CDEVSEL to claim a CardBus cycle as the target device. As a CardBus initiator on the bus, the controller monitors CDEVSEL until a target responds. If no target responds before timeout occurs, then the controller terminates the cycle with an initiator abort. I/O PCII4 PCIO4 PU3 VCCA/ VCCB A_CFRAME C08 B_CFRAME G19 CardBus cycle frame. CFRAME is driven by the initiator of a CardBus bus cycle. CFRAME is asserted to indicate that a bus transaction is beginning, and data transfers continue while this signal is asserted. When CFRAME is deasserted, the CardBus bus transaction is in the final data phase. I/O PCII7 PCIO7 VCCA/ VCCB A_CGNT B09 B_CGNT J15 CardBus bus grant. CGNT is driven by the controller to grant a CardBus PC Card access to the CardBus bus after the current data transaction has been completed. O PCII7 PCIO7 VCCA/ VCCB A_CINT C04 B_CINT B19 CardBus interrupt. CINT is asserted low by a CardBus PC Card to request interrupt servicing from the host. I PCII4 PCIO4 PU3 VCCA/ VCCB A_CIRDY B08 B_CIRDY J13 CardBus initiator ready. CIRDY indicates the ability of the CardBus initiator to complete the current data phase of the transaction. A data phase is completed on a rising edge of CCLK when both CIRDY and CTRDY are asserted. Until CIRDY and CTRDY are both sampled asserted, wait states are inserted. I/O PCII4 PCIO4 PU3 VCCA/ VCCB A_CPERR F10 B_CPERR J18 CardBus parity error. CPERR reports parity errors during CardBus transactions, except during special cycles. It is driven low by a target two clocks following the data cycle during which a parity error is detected. I/O PCII4 PCIO4 PU3 VCCA/ VCCB A_CREQ E07 B_CREQ E18 CardBus request. CREQ indicates to the arbiter that the CardBus PC Card desires use of the CardBus bus as an initiator. I PCII4 PCIO4 PU3 VCCA/ VCCB A_CSERR B03 B_CSERR B18 CardBus system error. CSERR reports address parity errors and other system errors that could lead to catastrophic results. CSERR is driven by the card synchronous to CCLK, but deasserted by a weak pullup; deassertion may take several CCLK periods. The controller can report CSERR to the system by assertion of SERR on the PCI interface. I PCII4 PCIO4 PU3 VCCA/ VCCB † These terminals are reserved for the PCI7611 and PCI7411 controllers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |