Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 100 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 100 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 96Page - Texas Instruments PCI7421 Datasheet HTML 97Page - Texas Instruments PCI7421 Datasheet HTML 98Page - Texas Instruments PCI7421 Datasheet HTML 99Page - Texas Instruments PCI7421 Datasheet HTML 100Page - Texas Instruments PCI7421 Datasheet HTML 101Page - Texas Instruments PCI7421 Datasheet HTML 102Page - Texas Instruments PCI7421 Datasheet HTML 103Page - Texas Instruments PCI7421 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 298 page
background image
4−10
4.15 PCI Bus Number Register
The PCI bus number register is programmed by the host system to indicate the bus number of the PCI bus to which
the PCI7x21/PCI7x11 controller is connected. The PCI7x21/PCI7x11 controller uses this register in conjunction with
the CardBus bus number and subordinate bus number registers to determine when to forward PCI configuration
cycles to its secondary buses.
Bit
7
6
5
4
3
2
1
0
Name
PCI bus number
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
PCI bus number
Offset:
18h (Functions 0, 1)
Type:
Read/Write
Default:
00h
4.16 CardBus Bus Number Register
The CardBus bus number register is programmed by the host system to indicate the bus number of the CardBus bus
to which the PCI7x21/PCI7x11 controller is connected. The PCI7x21/PCI7x11 controller uses this register in
conjunction with the PCI bus number and subordinate bus number registers to determine when to forward PCI
configuration cycles to its secondary buses. This register is separate for each PCI7x21/PCI7x11 controller function.
Bit
7
6
5
4
3
2
1
0
Name
CardBus bus number
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
CardBus bus number
Offset:
19h
Type:
Read/Write
Default:
00h
4.17 Subordinate Bus Number Register
The subordinate bus number register is programmed by the host system to indicate the highest numbered bus below
the CardBus bus. The PCI7x21/PCI7x11 controller uses this register in conjunction with the PCI bus number and
CardBus bus number registers to determine when to forward PCI configuration cycles to its secondary buses. This
register is separate for each CardBus controller function.
Bit
7
6
5
4
3
2
1
0
Name
Subordinate bus number
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
Subordinate bus number
Offset:
1Ah
Type:
Read/Write
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com