Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 102 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 102 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 98Page - Texas Instruments PCI7421 Datasheet HTML 99Page - Texas Instruments PCI7421 Datasheet HTML 100Page - Texas Instruments PCI7421 Datasheet HTML 101Page - Texas Instruments PCI7421 Datasheet HTML 102Page - Texas Instruments PCI7421 Datasheet HTML 103Page - Texas Instruments PCI7421 Datasheet HTML 104Page - Texas Instruments PCI7421 Datasheet HTML 105Page - Texas Instruments PCI7421 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 298 page
background image
4−12
4.20 CardBus Memory Limit Registers 0, 1
These registers indicate the upper address of a PCI memory address range. They are used by the PCI7x21/PCI7x11
controller to determine when to forward a memory transaction to the CardBus bus, and likewise, when to forward a
CardBus cycle to PCI. Bits 31−12 of these registers are read/write and allow the memory base to be located anywhere
in the 32-bit PCI memory space on 4-Kbyte boundaries. Bits 11−0 are read-only and always return 0s. Writes to these
bits have no effect. Bits 8 and 9 of the bridge control register (PCI offset 3Eh, see Section 4.25) specify whether
memory windows 0 and 1 are prefetchable or nonprefetchable. The memory base register or the memory limit register
must be nonzero in order for the PCI7x21/PCI7x11 controller to claim any memory transactions through CardBus
memory windows (i.e., these windows by default are not enabled to pass the first 4 Kbytes of memory to CardBus).
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Memory limit registers 0, 1
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Memory limit registers 0, 1
Type
RW
RW
RW
RW
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Memory limit registers 0, 1
Offset:
20h, 28h
Type:
Read-only, Read/Write
Default:
0000 0000h
4.21 CardBus I/O Base Registers 0, 1
These registers indicate the lower address of a PCI I/O address range. They are used by the PCI7x21/PCI7x11
controller to determine when to forward an I/O transaction to the CardBus bus, and likewise, when to forward a
CardBus cycle to the PCI bus. The lower 16 bits of this register locate the bottom of the I/O window within a 64-Kbyte
page. The upper 16 bits (31−16) are all 0s, which locates this 64-Kbyte page in the first page of the 32-bit PCI I/O
address space. Bits 31−2 are read/write and always return 0s forcing I/O windows to be aligned on a natural
doubleword boundary in the first 64-Kbyte page of PCI I/O address space. Bits 1−0 are read-only, returning 00 or 01
when read, depending on the value of bit 11 (IO_BASE_SEL) in the general control register (PCI offset 86h, see
Section 4.31). These I/O windows are enabled when either the I/O base register or the I/O limit register is nonzero.
The I/O windows by default are not enabled to pass the first doubleword of I/O to CardBus.
Either the I/O base register or the I/O limit register must be nonzero to enable any I/O transactions.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
I/O base registers 0, 1
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
I/O base registers 0, 1
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
X
Register:
I/O base registers 0, 1
Offset:
2Ch, 34h
Type:
Read-only, Read/Write
Default:
0000 000Xh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com