Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 99 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 99 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 95Page - Texas Instruments PCI7421 Datasheet HTML 96Page - Texas Instruments PCI7421 Datasheet HTML 97Page - Texas Instruments PCI7421 Datasheet HTML 98Page - Texas Instruments PCI7421 Datasheet HTML 99Page - Texas Instruments PCI7421 Datasheet HTML 100Page - Texas Instruments PCI7421 Datasheet HTML 101Page - Texas Instruments PCI7421 Datasheet HTML 102Page - Texas Instruments PCI7421 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 298 page
background image
4−9
4.14 Secondary Status Register
The secondary status register is compatible with the PCI-PCI bridge secondary status register. It indicates
CardBus-related device information to the host system. This register is very similar to the PCI status register (PCI
offset 06h, see Section 4.5), and status bits are cleared by a writing a 1. This register is not shared by the two socket
functions, but is accessed on a per-socket basis. See Table 4−5 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Secondary status
Type
RC
RC
RC
RC
RC
R
R
RC
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
Register:
Secondary status
Offset:
16h
Type:
Read-only, Read/Clear
Default:
0200h
Table 4−5. Secondary Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
15 ‡
CBPARITY
RC
Detected parity error. This bit is set when a CardBus parity error is detected, either an address or data
parity error. Write a 1 to clear this bit.
14 ‡
CBSERR
RC
Signaled system error. This bit is set when CSERR is signaled by a CardBus card. The PCI7x21/PCI7x11
controller does not assert the CSERR signal. Write a 1 to clear this bit.
13 ‡
CBMABORT
RC
Received master abort. This bit is set when a cycle initiated by the PCI7x21/PCI7x11 controller on the
CardBus bus is terminated by a master abort. Write a 1 to clear this bit.
12 ‡
REC_CBTA
RC
Received target abort. This bit is set when a cycle initiated by the PCI7x21/PCI7x11 controller on the
CardBus bus is terminated by a target abort. Write a 1 to clear this bit.
11 ‡
SIG_CBTA
RC
Signaled target abort. This bit is set by the PCI7x21/PCI7x11 controller when it terminates a transaction
on the CardBus bus with a target abort. Write a 1 to clear this bit.
10−9
CB_SPEED
R
CDEVSEL timing. These bits encode the timing of CDEVSEL and are hardwired to 01b indicating that the
PCI7x21/PCI7x11 controller asserts this signal at a medium speed.
8 ‡
CB_DPAR
RC
CardBus data parity error detected. Write a 1 to clear this bit.
0 = The conditions for setting this bit have not been met.
1 = A data parity error occurred and the following conditions were met:
a. CPERR was asserted on the CardBus interface.
b. The PCI7x21/PCI7x11 controller was the bus master during the data parity error.
c. The parity error response enable bit (bit 0) is set in the bridge control register (PCI offset 3Eh,
see Section 4.25).
7
CBFBB_CAP
R
Fast back-to-back capable. The PCI7x21/PCI7x11 controller cannot accept fast back-to-back
transactions; therefore, this bit is hardwired to 0.
6
CB_UDF
R
User-definable feature support. The PCI7x21/PCI7x11 controller does not support user-definable
features; therefore, this bit is hardwired to 0.
5
CB66MHZ
R
66-MHz capable. The PCI7x21/PCI7x11 CardBus interface operates at a maximum CCLK frequency of
33 MHz; therefore, this bit is hardwired to 0.
4−0
RSVD
R
These bits return 0s when read.
‡ This bit is cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com