Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 103 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 103 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 99Page - Texas Instruments PCI7421 Datasheet HTML 100Page - Texas Instruments PCI7421 Datasheet HTML 101Page - Texas Instruments PCI7421 Datasheet HTML 102Page - Texas Instruments PCI7421 Datasheet HTML 103Page - Texas Instruments PCI7421 Datasheet HTML 104Page - Texas Instruments PCI7421 Datasheet HTML 105Page - Texas Instruments PCI7421 Datasheet HTML 106Page - Texas Instruments PCI7421 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 298 page
background image
4−13
4.22 CardBus I/O Limit Registers 0, 1
These registers indicate the upper address of a PCI I/O address range. They are used by the PCI7x21/PCI7x11
controller to determine when to forward an I/O transaction to the CardBus bus, and likewise, when to forward a
CardBus cycle to PCI. The lower 16 bits of this register locate the top of the I/O window within a 64-Kbyte page, and
the upper 16 bits are a page register which locates this 64-Kbyte page in 32-bit PCI I/O address space. Bits 15−2
are read/write and allow the I/O limit address to be located anywhere in the 64-Kbyte page (indicated by bits 31−16
of the appropriate I/O base register) on doubleword boundaries.
Bits 31−16 are read-only and always return 0s when read. The page is set in the I/O base register. Bits 15−2 are
read/write and bits 1−0 are read-only, returning 00 or 01 when read, depending on the value of bit 12 (IO_LIMIT_SEL)
in the general control register (PCI offset 86h, see Section 4.31). Writes to read-only bits have no effect.
These I/O windows are enabled when either the I/O base register or the I/O limit register is nonzero. By default, the
I/O windows are not enabled to pass the first doubleword of I/O to CardBus.
Either the I/O base register or the I/O limit register must be nonzero to enable any I/O transactions.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
I/O limit registers 0, 1
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
I/O limit registers 0, 1
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
X
Register:
I/O limit registers 0, 1
Offset:
30h, 38h
Type:
Read-only, Read/Write
Default:
0000 000Xh
4.23 Interrupt Line Register
The interrupt line register is a read/write register used by the host software. As part of the interrupt routing procedure,
the host software writes this register with the value of the system IRQ assigned to the function.
Bit
7
6
5
4
3
2
1
0
Name
Interrupt line
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
1
1
1
1
1
1
1
1
Register:
Interrupt line
Offset:
3Ch
Type:
Read/Write
Default:
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com