Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 127 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 127 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 123Page - Texas Instruments PCI7421 Datasheet HTML 124Page - Texas Instruments PCI7421 Datasheet HTML 125Page - Texas Instruments PCI7421 Datasheet HTML 126Page - Texas Instruments PCI7421 Datasheet HTML 127Page - Texas Instruments PCI7421 Datasheet HTML 128Page - Texas Instruments PCI7421 Datasheet HTML 129Page - Texas Instruments PCI7421 Datasheet HTML 130Page - Texas Instruments PCI7421 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 298 page
background image
4−37
4.50 Serial Bus Control/Status Register
The serial bus control and status register communicates serial bus status information and selects the quick command
protocol. Bit 5 (REQBUSY) in this register must be polled during serial bus byte reads to indicate when data is valid
in the serial bus data register. See Table 4−25 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Serial bus control/status
Type
RW
R
R
R
RW
RW
RC
RC
Default
0
0
0
0
0
0
0
0
Register:
Serial bus control/status
Offset:
B3h (function 0)
Type:
Read-only, Read/Write, Read/Clear
Default:
00h
Table 4−25. Serial Bus Control/Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
7 ‡
PROT_SEL
RW
Protocol select. When bit 7 is set, the send-byte protocol is used on write requests and the receive-byte
protocol is used on read commands. The word address byte in the serial bus index register (see
Section 4.48) is not output by the PCI7x21/PCI7x11 controller when bit 7 is set.
6
RSVD
R
Reserved. Bit 6 returns 0 when read.
5
REQBUSY
R
Requested serial bus access busy. Bit 5 indicates that a requested serial bus access (byte read or write)
is in progress. A request is made, and bit 5 is set, by writing to the serial bus slave address register (see
Section 4.49). Bit 5 must be polled on reads from the serial interface. After the byte read access has been
completed, this bit is cleared and the read data is valid in the serial bus data register.
4
ROMBUSY
R
Serial EEPROM busy status. Bit 4 indicates the status of the PCI7x21/PCI7x11 serial EEPROM circuitry.
Bit 4 is set during the loading of the subsystem ID and other default values from the serial bus EEPROM.
0 = Serial EEPROM circuitry is not busy
1 = Serial EEPROM circuitry is busy
3 ‡
SBDETECT
RW
Serial bus detect. When the serial bus interface is detected through a pullup resistor on the SCL terminal
after reset, this bit is set to 1.
0 = Serial bus interface not detected
1 = Serial bus interface detected
2 ‡
SBTEST
RW
Serial bus test. When bit 2 is set, the serial bus clock frequency is increased for test purposes.
0 = Serial bus clock at normal operating frequency,
 100 kHz (default)
1 = Serial bus clock frequency increased for test purposes
1 ‡
REQ_ERR
RC
Requested serial bus access error. Bit 1 indicates when a data error occurs on the serial interface during
a requested cycle and may be set due to a missing acknowledge. Bit 1 is cleared by a writeback of 1.
0 = No error detected during user-requested byte read or write cycle
1 = Data error detected during user-requested byte read or write cycle
0 ‡
ROM_ERR
RC
EEPROM data error status. Bit 0 indicates when a data error occurs on the serial interface during the
auto-load from the serial bus EEPROM and may be set due to a missing acknowledge. Bit 0 is also set on
invalid EEPROM data formats. See Section 3.6.4, Serial Bus EEPROM Application, for details on
EEPROM data format. Bit 0 is cleared by a writeback of 1.
0 = No error detected during autoload from serial bus EEPROM
1 = Data error detected during autoload from serial bus EEPROM
‡ This bit is cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com