Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 145 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 145 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 141Page - Texas Instruments PCI7421 Datasheet HTML 142Page - Texas Instruments PCI7421 Datasheet HTML 143Page - Texas Instruments PCI7421 Datasheet HTML 144Page - Texas Instruments PCI7421 Datasheet HTML 145Page - Texas Instruments PCI7421 Datasheet HTML 146Page - Texas Instruments PCI7421 Datasheet HTML 147Page - Texas Instruments PCI7421 Datasheet HTML 148Page - Texas Instruments PCI7421 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 298 page
background image
5−17
5.15 ExCA Memory Windows 0−4 End-Address Low-Byte Registers
These registers contain the low byte of the 16-bit memory window end address for memory windows 0, 1, 2, 3, and 4.
The 8 bits of these registers correspond to bits A19−A12 of the end address.
Bit
7
6
5
4
3
2
1
0
Name
ExCA memory windows 0−4 end-address low-byte
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
ExCA memory window 0 end-address low-byte
Offset:
CardBus Socket Address + 812h:
Card A ExCA Offset 12h
Card B ExCA Offset 52h
Register:
ExCA memory window 1 end-address low-byte
Offset:
CardBus Socket Address + 81Ah:
Card A ExCA Offset 1Ah
Card B ExCA Offset 5Ah
Register:
ExCA memory window 2 end-address low-byte
Offset:
CardBus Socket Address + 822h:
Card A ExCA Offset 22h
Card B ExCA Offset 62h
Register:
ExCA memory window 3 end-address low-byte
Offset:
CardBus Socket Address + 82Ah:
Card A ExCA Offset 2Ah
Card B ExCA Offset 6Ah
Register:
ExCA memory window 4 end-address low-byte
Offset:
CardBus Socket Address + 832h:
Card A ExCA Offset 32h
Card B ExCA Offset 72h
Type:
Read/Write
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com