Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P481 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P481
Description  Inverted Logic, High CMR Optocoupler for Intelligent Power Modules and IGBT/MOSFET Gate Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P481 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P481 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACPL-P481 and ACPL-W481
Inverted Logic, High CMR Optocoupler for Intelligent
Power Modules and IGBT/MOSFET Gate Drive
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Features
• Inverted output type (totem pole output)
• Performance Specified for Common IPM Applications
Over Industrial Temperature Range.
• Short Maximum Propagation Delays
• Minimized Pulse Width Distortion (PWD)
• Very High Common Mode Rejection (CMR)
• Hysteresis
• Available in Stretched SO-6 Package.
• Package Clearance/Creepage at 8 mm (ACPL-W481)
• Safety Approval: (pending)
– UL Recognized with 3750 Vrms (5000 Vrms for
ACPL-W481) for 1 minute per UL1577.
– CSA Approved.
– IEC/EN/DIN EN 60747-5-5 Approved with VIORM =
891 Vpeak for ACPL-P481 and VIORM = 1140 Vpeak for
ACPL-W481, under option 060.
Specifications
• Wide Operating Temperature Range: –40°C to 100°C.
• Maximum Propagation Delay tPHL / tPLH = 350 ns
• Maximum Pulse Width Distortion (PWD) = 250 ns.
• Propagation Delay Difference: Min. –100 ns, Max. 250 ns
• Wide Operating VCC Range: 4.5 V to 20 V
• 20 kV/µs Minimum Common Mode Rejection (CMR) at
VCM = 1000 V.
Truth Table (Positive Logic)
LED
VO
ON
LOW
OFF
HIGH
Description
The high-speed ACPL-P481/W481 optocoupler contains
a GaAsP LED, photo detector and a Schmitt trigger that
eliminates the need for external waveform conditioning
circuits.
The totem pole output eliminates the need for a pull-up
resistor. An Intelligent Power Module, Power MOSFET or
IGBT can be driven directly.
Propagation delay difference between devices has been
minimized to maximize inverter efficiency through
reduced switching dead time.
Applications
• IPM Interface Isolation
• Isolated IGBT/MOSFET Gate Drive
• AC and Brushless DC Motor Drives
• Industrial Inverters
• General Digital Isolation
Functional Diagram
Note: A 0.1
µF bypass capacitor must be connected between pins 4 and 6.
Ground
VCC
Anode
N.C.
Cathode
VO
6
1
5
2
4
3
SHIELD


Similar Part No. - ACPL-P481

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P481 BOARDCOM-ACPL-P481 Datasheet
480Kb / 10P
Inverted Logic, High CMR Optocoupler for Intelligent Power Modules and IGBT/MOSFET Gate Drive
More results

Similar Description - ACPL-P481

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800 AVAGO-ACPL-4800 Datasheet
294Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-W484-000E AVAGO-ACPL-W484-000E Datasheet
237Kb / 12P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480-500E AVAGO-ACPL-P480-500E Datasheet
403Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-4800-000E AVAGO-ACPL-4800-000E Datasheet
233Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
Broadcom Corporation.
ACPL-M483 BOARDCOM-ACPL-M483 Datasheet
676Kb / 13P
Inverted Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-M484 BOARDCOM-ACPL-M484 Datasheet
787Kb / 13P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P456 BOARDCOM-ACPL-P456 Datasheet
464Kb / 14P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480 BOARDCOM-ACPL-P480 Datasheet
641Kb / 11P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P481 BOARDCOM-ACPL-P481 Datasheet
480Kb / 10P
Inverted Logic, High CMR Optocoupler for Intelligent Power Modules and IGBT/MOSFET Gate Drive
ACNU-4803 BOARDCOM-ACNU-4803 Datasheet
1Mb / 11P
Inverted Logic High CMR Intelligent Power Module (IPM) and Gate Drive Interface Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com