Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P481 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P481
Description  Inverted Logic, High CMR Optocoupler for Intelligent Power Modules and IGBT/MOSFET Gate Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P481 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P481 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
ACPL-W481 Stretched SO-6 Package, 8 mm clearance
Regulatory Information
The ACPL-P481/W481 is approved by the following organizations:
1.270
0.050
11.500 ±0.25
0.453 ±0.010
6.807 -0.000
+0.127
0.268 -0.000
+0.005
1.590 ±0.127
0.063 ±0.005
0.20 ±0.10
0.008 ±0.004
[0.0295 ±0.010]
0.750 ±0.250
45°
0.45
0.018
0.254 ±0.050
0.010 ±0.002
[0.300]
7.62
7°
35° NOM.
7°
4.580 0
+0.254
0.180 -0.000
+0.010
0.381 ±0.127
0.015 ±0.005
1.27 BSG
0.050
1
2
3
4
5
6
3.180 ±0.127
0.125 ±0.005
12.650
0.498
0.760
0.030
1.905
0.075
Floating Lead protusion max. 0.25[0.01]
Dimensions in millimeters [inches]
Lead Coplanarity=0.1mm [0.004 inches]
7°
7°
IEC/EN/DIN EN 60747-5-5 (Option 060 only)
Approved with Maximum Working Insulation Voltage
VIORM = 891 Vpeak for ACPL-P481 and VIORM = 1140 Vpeak
for ACPL-W481
UL
Approval under UL 1577, component recognition
program up to
VISO = 3750 VRMS (5000 Vrms for ACPL-W481). File E55361.
CSA
Approval under CSA Component Acceptance Notice #5,
File CA 88324.
Recommended Pb-Free IR Profile
The recommended reflow profile is per JEDEC Standard, J-STD-020 (latest revision). Non-halide flux should be used.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com