Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P481 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P481
Description  Inverted Logic, High CMR Optocoupler for Intelligent Power Modules and IGBT/MOSFET Gate Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P481 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P481 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Table 1. IEC/EN/DIN EN 60747-5-5 Insulation Characteristics* (ACPL-P481/W481 Option 060)
Description
Symbol
ACPL-P481
ACPL-W481 Unit
Installation Classification per DIN VDE 0110/39, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 600 Vrms
I – IV
I – IV
I – III
I – IV
I – IV
I – IV
Climatic Classification
55/100/21
55/100/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
VIORM
891
1140
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
Partial Discharge < 5 pC
VPR
1670
2137
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.6=VPR, Type and Sample Test, tm = 10 sec,
Partial Discharge < 5 pC
VPR
1426
1824
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage tini = 60 sec)
VIOTM
6000
8000
Vpeak
Safety-limiting Values – maximum values allowed in the event of a failure.
Case Temperature
TS
175
175
°C
Input Current
IS, INPUT
230
230
mA
Output Power
PS, OUTPUT
600
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
>109
Ω
* Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under the Product Safety Regulations section,
(IEC/EN/DIN EN 60747-5-5), for a detailed description of Method a and Method b partial discharge test profiles.
Table 2. Insulation and Safety Related Specifications
Parameter
Symbol
ACPL-P481 ACPL-W481 Units
Conditions
Minimum External Air Gap
(External Clearance)
L(101)
7.0
8.0
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External
Tracking (External Creepage)
L(102)
8.0
8.0
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
0.08
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com