Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P481 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P481
Description  Inverted Logic, High CMR Optocoupler for Intelligent Power Modules and IGBT/MOSFET Gate Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P481 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P481 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P481 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
100
°C
Average Input Current
IF(avg)
10
mA
Peak Transient Input Current
(< 1
µs pulse width, 300 pps)
(< 200
µs pulse width, < 1% duty cycle)
IF(tran)
1.0
40
A
mA
Reverse Input Voltage
VR
5
V
Average Output Current
IO
25
mA
Supply Voltage
VCC
0
25
V
Output Voltage
VO
-0.5
25
V
Total Package Power Dissipation
PT
210
mW
1
Table 4. Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Power Supply Voltage
VCC
4.5
20
V
2
Forward Input Current (OFF)
IF(OFF)
6
10
mA
Forward Input Voltage (ON)
VF(ON)
–
0.8
V
Operating Temperature
TA
-40
100
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com