Electronic Components Datasheet Search
  English  ▼

X  

LM2326 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2326
Description  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2326 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2326 Datasheet HTML 10Page - National Semiconductor (TI) LM2326 Datasheet HTML 11Page - National Semiconductor (TI) LM2326 Datasheet HTML 12Page - National Semiconductor (TI) LM2326 Datasheet HTML 13Page - National Semiconductor (TI) LM2326 Datasheet HTML 14Page - National Semiconductor (TI) LM2326 Datasheet HTML 15Page - National Semiconductor (TI) LM2326 Datasheet HTML 16Page - National Semiconductor (TI) LM2326 Datasheet HTML 17Page - National Semiconductor (TI) LM2326 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
1.0 Functional Description (Continued)
1.6 Typical Application Example
DS100127-11
OPERATIONAL NOTES:
*VCO is assumed AC coupled.
**R1 increases impedance so that VCO output power is provided to the load rather than the PLL. Typical values are 10
Ω to 200Ω depending on the VCO
power level. fIN RF impedance ranges from 40Ω to 100Ω.
**50
Ω termination is often used on test boards to allow use of external reference oscillator. For most typical products a CMOS clock is used and no terminating
resistor is required. OSCIN may be AC or DC coupled. AC coupling is recommended because the input circuit provides its own bias. (See Figure below.)
DS100127-12
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com