Electronic Components Datasheet Search
  English  ▼

X  

LMX2502 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2502
Description  PLLatinum??Frequency Synthesizer System with Integrated VCO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2502 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2502 Datasheet HTML 1Page - National Semiconductor (TI) LMX2502 Datasheet HTML 2Page - National Semiconductor (TI) LMX2502 Datasheet HTML 3Page - National Semiconductor (TI) LMX2502 Datasheet HTML 4Page - National Semiconductor (TI) LMX2502 Datasheet HTML 5Page - National Semiconductor (TI) LMX2502 Datasheet HTML 6Page - National Semiconductor (TI) LMX2502 Datasheet HTML 7Page - National Semiconductor (TI) LMX2502 Datasheet HTML 8Page - National Semiconductor (TI) LMX2502 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Electrical Characteristics (V
CC =VDD = 2.8 V, TA = 25 ˚C; unless otherwise noted) (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units
IF PLL
f
Fin
Operating Frequency
(Note 8)
LMX2502LQ1635
IF_FREQ [1:0] = 10,
Default Value
440.76
MHz
LMX2512LQ0967
IF_FREQ [1:0] = 00,
Default Value
170.76
MHz
LMX2512LQ1065
IF_FREQ [1:0] = 01,
Default Value
367.20
MHz
P
Fin
IF Input Sensitivity
-10
0
dBm
fΦIF
Phase Detector Frequency
120
kHz
I
CPout
Charge Pump Current
IF_CUR [1:0] = 00
100
µA
IF_CUR [1:0] = 01
200
µA
IF_CUR [1:0] = 10
300
µA
IF_CUR [1:0] = 11
800
µA
DIGITAL INTERFACE (DATA, CLK, LE, LD, CE)
V
IH
High-Level Input Voltage
0.8 V
DD
V
DD
V
0.8 V
CC
V
CC
V
V
IL
Low-Level Input Voltage
0
0.2 V
DD
V
0
0.2 V
CC
V
I
IH
High-Level Input Current
-10
10
µA
I
IL
Low-Level Input Current
-10
10
µA
Input Capacitance
3
pF
V
OH
High-Level Output Voltage
0.9 V
DD
V
0.9 V
CC
V
V
OL
Low-Level Output Voltage
0.1 V
DD
V
0.1 V
CC
V
Output Capacitance
5pF
MICROWIRE INTERFACE TIMING
t
CS
Data to Clock Set Up Time
50
-
-
ns
t
CH
Data to Clock Hold Time
10
-
-
ns
t
CWH
Clock Pulse Width HIGH
50
-
-
ns
t
CWL
Clock Pulse Width LOW
50
-
-
ns
t
ES
Clock to Latch Enable Set Up Time
50
-
-
ns
t
EW
Latch Enable Pulse Width
50
-
-
ns
Note 4: In power down mode, set DATA, CLK, and LE pins to 0 V (GND).
Note 5: The reference frequency must also be programmed using the OSC_FREQ control bit. For other reference frequencies, please contact National
Semiconductor.
Note 6: For other frequency ranges, please contact National Semiconductor.
Note 7: Lock time is defined as the time difference between the beginning of the frequency transition and the point at which the frequency remains within +/- 1 kHz
of the final frequency.
Note 8: Frequencies other that the default value can be programmed using Words R4 and R5. See Programming Description for details.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com