Electronic Components Datasheet Search
  English  ▼

X  

LMX2502 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2502
Description  PLLatinum??Frequency Synthesizer System with Integrated VCO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2502 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMX2502 Datasheet HTML 10Page - National Semiconductor (TI) LMX2502 Datasheet HTML 11Page - National Semiconductor (TI) LMX2502 Datasheet HTML 12Page - National Semiconductor (TI) LMX2502 Datasheet HTML 13Page - National Semiconductor (TI) LMX2502 Datasheet HTML 14Page - National Semiconductor (TI) LMX2502 Datasheet HTML 15Page - National Semiconductor (TI) LMX2502 Datasheet HTML 16Page - National Semiconductor (TI) LMX2502 Datasheet HTML 17Page - National Semiconductor (TI) LMX2502 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Programming Description (Continued)
R4 REGISTER
The R4 register address bits (R3 [3:0]) are “0111”.
Register R4 is used to set the IF N counters if the default value is not desired. This register is only active if the SPI_DEF bit in
register R0 is 0.
R4 REGISTER
MSB
SHIFT REGISTER BIT LOCATION
LSB
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
Data Field
Address
Field
R4
0
001000
IF_A
[3:0]
IF_B
[8:0]
0111
Name
Functions
IF_A [3:0]
IF A Counter
4-bit swallow counter
0
≤ IF_A ≤ 15
IF_B [8:0]
IF B Counter
9-bit programmable counter
1
≤ IF_B ≤ 511
IF Frequency Setting:
f
VCO = {16 x IF_B + IF_A} x fOSC / IF_R where (IF_A < IF_B)
where
f
VCO: Output frequency of IF voltage controlled oscillator (IF VCO)
IF_B: Preset divide ratio of binary 9-bit programmable counter (1
≤ IF_B ≤ 511)
IF_A: Preset divide ratio of binary 4-bit swallow counter (0
≤ IF_A ≤ 15)
IF_R: Preset divide ratio of binary 9-bit programmable reference counter (2
≤ IF_R ≤ 511)
f
OSC: Reference oscillator frequency
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com