Electronic Components Datasheet Search
  English  ▼

X  

LMX5080 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX5080
Description  PLLatinum??2.7 GHz Low Power Dual Modulus Prescaler for RF Personal Communications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX5080 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX5080 Datasheet HTML 1Page - National Semiconductor (TI) LMX5080 Datasheet HTML 2Page - National Semiconductor (TI) LMX5080 Datasheet HTML 3Page - National Semiconductor (TI) LMX5080 Datasheet HTML 4Page - National Semiconductor (TI) LMX5080 Datasheet HTML 5Page - National Semiconductor (TI) LMX5080 Datasheet HTML 6Page - National Semiconductor (TI) LMX5080 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Parameter
Symbol
Value
Units
Min
Typ
Max
Power Supply
Voltage
V
CC
−0.3
6.5
V
Voltage on any
pin with
GND=0V
V
i
−0.3
V
CC+0.3
V
Storage
Temperature
Range
T
S
−65
+1.50
˚C
Lead Temp.
(solder 4 sec)
T
L
+2.60
˚C
Recommended Operating
Conditions (Note 1)
Parameter
Symbol
Value
Units
Min
Typ
Max
Power Supply
Voltage
V
CC
2.7
5.5
V
Operating
Temperature
T
A
−40
+85
˚C
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage
to the device may occur. Recommended Operating Conditions indicate con-
ditions for which the device is intended to be functional, but do not guarantee
specific performance limits. Electrical Characteristics document specific mini-
mum and/or maximum performance values at specified test conditions and
are guaranteed. Typ or Typical values are for informational purposes only
which are based on design parameters or device characterization and are not
guaranteed.
Note 2: This device is a high performance RF integrated circuit and is ESD
sensitive. Handling and assembly of this device should only be done on ESD-
free workstations.
Electrical Characteristics
(V
CC = 5.0V, TA = −40˚C to +85˚C except as specified) (Note 1)
Symbol
Parameter
Condition
Value
Units
Min
Typ
Max
I
CC
Power Supply Current
7mA
V
OH
Output Amplitude
Z
L = 100 kΩ//10 pF
V
CC = 2.7V to 5.5V
0.9xV
CC
V
V
OL
0.1xV
CC
V
f
in
Input Frequency
AC coupled. V
CC = 2.7V to 5.5V
100
2700
MHz
Pf
in
Operational Input Signal Amplitude
V
CC = 2.7V to 5.5V
−15
+4
dBm
f
out
Output Frequency
0.1
25
MHz
V
IH
High-level Input Voltage (MC, SW1,
SW2)
0.7xV
CC
V
V
IL
Low-level Input Voltage (MC, SW1,
SW2)
0.3xV
CC
V
I
IH
High-level Input Current (MC, SW1,
SW2)
V
IH = 0.7xVCC
±1uA
I
IL
Low-level Input Current (MC, SW1,
SW2)
V
IL = 0.3xVCC
±1uA
t
Set
Modulus Control Set-up time. (Note 3)
SW1=H, SW2=H
f
in = 2.7 GHz
15
20
ns
IM
Input/Output Intermodulation (Note 4)
−10 dBm / 50
Ω AC coupled
signal delivered to input.
V
CC=2.7V to 5.5V.
MC=0, MC=1.
Fin=2.3 GHz to 2.5 GHz.
−35
−30
dBc
Note 3: See Timing Diagram.
Note 4: Guaranteed by design and characterization, not tested. Output frequency measured at input.
www.national.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com