Electronic Components Datasheet Search
  English  ▼

X  

LMX5080 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX5080
Description  PLLatinum??2.7 GHz Low Power Dual Modulus Prescaler for RF Personal Communications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX5080 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX5080 Datasheet HTML 1Page - National Semiconductor (TI) LMX5080 Datasheet HTML 2Page - National Semiconductor (TI) LMX5080 Datasheet HTML 3Page - National Semiconductor (TI) LMX5080 Datasheet HTML 4Page - National Semiconductor (TI) LMX5080 Datasheet HTML 5Page - National Semiconductor (TI) LMX5080 Datasheet HTML 6Page - National Semiconductor (TI) LMX5080 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Modulus Control Truth Table
SW1
SW2
MC
Divide Ratio
H
H
H
1/128
H
H
L
1/130
H
L
H
1/256
L
H
H
1/256
H
L
L
1/258
L
H
L
1/258
L
L
H
1/512
L
L
L
1/514
Note: SW1, SW2, MC: H = 0.7xVCC,L = 0.3xVCC.
Timing Diagram
DS100940-4
www.national.com
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com