Electronic Components Datasheet Search
  English  ▼

X  

LMX5080 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX5080
Description  PLLatinum??2.7 GHz Low Power Dual Modulus Prescaler for RF Personal Communications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX5080 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX5080 Datasheet HTML 1Page - National Semiconductor (TI) LMX5080 Datasheet HTML 2Page - National Semiconductor (TI) LMX5080 Datasheet HTML 3Page - National Semiconductor (TI) LMX5080 Datasheet HTML 4Page - National Semiconductor (TI) LMX5080 Datasheet HTML 5Page - National Semiconductor (TI) LMX5080 Datasheet HTML 6Page - National Semiconductor (TI) LMX5080 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Functional Description
The basic phase-lock-loop (PLL) configuration using an ex-
ternal prescaler consists of a high-stability crystal reference
oscillator, a prescaler such as the National Semiconductor
LMX5080, a low frequency synthesizer, a voltage controlled
oscillator (VCO), and a loop filter. The frequency synthesizer
typically includes programmable reference [R] and feedback
[N] frequency dividers, a phase detector, as well as a charge
pump. The MC signal is fed back to the prescaler from either
the low frequency synthesizer, or a controller to set the pres-
caler divide ratio to N or N+2. The prescaler output fre-
quency is established by dividing the VCO signal down via
the prescaler modulus. The RF inputs to the prescalar con-
sist of the Fin and /Fin input pins which are complementary
inputs to a differential pair amplifier. This configuration can
operate to 2 GHz with an input sensitivity of −15 dBm.
Block Diagram
DS100940-3
www.national.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com