Electronic Components Datasheet Search
  English  ▼

X  

LMX5080 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX5080
Description  PLLatinum??2.7 GHz Low Power Dual Modulus Prescaler for RF Personal Communications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX5080 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX5080 Datasheet HTML 1Page - National Semiconductor (TI) LMX5080 Datasheet HTML 2Page - National Semiconductor (TI) LMX5080 Datasheet HTML 3Page - National Semiconductor (TI) LMX5080 Datasheet HTML 4Page - National Semiconductor (TI) LMX5080 Datasheet HTML 5Page - National Semiconductor (TI) LMX5080 Datasheet HTML 6Page - National Semiconductor (TI) LMX5080 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LMX5080
PLLatinum™ 2.7 GHz Low Power Dual Modulus
Prescaler for RF Personal Communications
General Description
The LMX5080 integrated dual modulus prescaler, is de-
signed to be used in a synthesized local oscillator for
2.5 GHz wireless transceivers. It is fabricated using Nation-
al’s 0.5µ ABiCV silicon BiCMOS process. The LMX5080 con-
tains three dual modulus prescalers. Either a 128/130,
256/158 or a 512/514 prescaler can be selected for up to
2.7 Gz RF input frequencies. The prescaler inputs can be
driven either differentially, or single ended with the use of a
coupling capacitor on one of the inputs to ground. The
LMX5080 CMOS output is optimized to generate very stable,
low switching noise output signals. The LMX5080 prescaler
can be used in conjunction with a low frequency Phase Lock
Loop to form a frequency synthesizer suitable for UHF trans-
ceivers. Supply voltage can range from 2.7V to 5.5V. The
LMX5080 features low current consumption; typically 7.0 mA
at 5V V
CC
The LMX5080 is available in a 8-pin Small Outline (SOP)
surface mount plastic package.
Features
n 2.7V to 5.5V operation
n Low current consumption: 7 mA (typ) @ 5V
n −40˚C to +85˚C low noise CMOS output
n Selectable dual modulus prescaler
128/130
256/258
512/514
n 8-pin small package outline (SOP)
Applications
n 2.5 GHz wireless communications systems (ISM)
n Direct Broadcast Satellite systems (DBS)
n Cable TV tuners (CATV)
Functional Block Diagram
PLLatinum™ is a trademark of National Semiconductor Corporation.
DS100940-1
PRELIMINARY
April 1999
© 1999 National Semiconductor Corporation
DS100940
www.national.com


Similar Part No. - LMX5080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX5001 NSC-LMX5001 Datasheet
198Kb / 13P
Dedicated Bluetooth Link Controller
LMX5001VBC NSC-LMX5001VBC Datasheet
198Kb / 13P
Dedicated Bluetooth Link Controller
More results

Similar Description - LMX5080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com