Electronic Components Datasheet Search
  English  ▼

X  

TLK1521 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLK1521
Description  500 Mbps to 1.3 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1521 Datasheet(HTML) 5 Page - Texas Instruments

  TLK1521 Datasheet HTML 1Page - Texas Instruments TLK1521 Datasheet HTML 2Page - Texas Instruments TLK1521 Datasheet HTML 3Page - Texas Instruments TLK1521 Datasheet HTML 4Page - Texas Instruments TLK1521 Datasheet HTML 5Page - Texas Instruments TLK1521 Datasheet HTML 6Page - Texas Instruments TLK1521 Datasheet HTML 7Page - Texas Instruments TLK1521 Datasheet HTML 8Page - Texas Instruments TLK1521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLK1521
500 Mbps to 1.3 Gbps TRANSCEIVER
SLLS591A− OCTOBER 2003 − REVISED JANUARY 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
parallel-to-serial
The parallel-to-serial shift register takes in the 20-bit wide data word multiplexed from the framing logic and
converts it to a serial stream. The shift register is clocked on both the rising and falling edge of the internally
generated bit clock, which is 10 times the GTX_CLK input frequency. The LSB (TD0) is transmitted first as
shown in Figure 3.
high-speed data output
The high-speed data output driver consists of a PECL-compatible differential pair that can be optimized for a
particular transmission line impedance and length. The line can be directly coupled or ac coupled. See Figure 11
and Figure 12 for termination details. No external pullup or pulldown resistors are required.
The TLK1521 provides a selectable signal preemphasis option for driving lossy media. When signal
preemphasis is enabled, the first bit of a run length of same-value bits is driven to a larger output swing, which
precompensates for signal inter-symbol interference (ISI) in lossy media, such as copper cables or printed
circuit board traces.
receive interface
The receiver portion of the TLK1521 accepts 20-bit framed differential serial data. The interpolator and clock
recovery circuit locks to the data stream and extracts the bit rate clock. This recovered clock is used to retime
the input data stream. The serial data is then aligned to the 20-bit word boundary by finding the start/stop bits
and the 18-bit data is output on a 18-bit wide parallel bus synchronized to the extracted receive clock.
receive data bus
The receive bus interface drives 18-bit wide single-ended TTL parallel data at the RXD[0:17] pins. Data is valid
on the rising edge of RX_CLK. The RX_CLK is used as the recovered word clock. The data and clock signals
are aligned as shown in Figure 4. Detailed timing information can be found in the TTL output switching
characteristics table.
RX_CLK
RXDn
tsu
th
Figure 4. Receive Timing Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com