Electronic Components Datasheet Search
  English  ▼

X  

TLK1521 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLK1521
Description  500 Mbps to 1.3 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1521 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLK1521 Datasheet HTML 10Page - Texas Instruments TLK1521 Datasheet HTML 11Page - Texas Instruments TLK1521 Datasheet HTML 12Page - Texas Instruments TLK1521 Datasheet HTML 13Page - Texas Instruments TLK1521 Datasheet HTML 14Page - Texas Instruments TLK1521 Datasheet HTML 15Page - Texas Instruments TLK1521 Datasheet HTML 16Page - Texas Instruments TLK1521 Datasheet HTML 17Page - Texas Instruments TLK1521 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TLK1521
500 Mbps to 1.3 Gbps TRANSCEIVER
SLLS591A− OCTOBER 2003 − REVISED JANUARY 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DOUTXN
DOUTXP
50%
80%
20%
80%
50%
20%
+ V
−V
0 V
80%
20%
DOUTXP
DOUTXN
tr
tf
tr
tr
tf
tf
Figure 9. Rise and Fall Time Definitions
thermal characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
RθJA
Junction-to-free-air thermal resistance
Board mounted, no air flow, high conductivity TI
recommended test board, chip soldered or greased to
21.47
°C/W
RθJC
Junction-to-case thermal resistance
recommended test board, chip soldered or greased to
thermal land
0.38
°C/W
RθJA
Junction-to-free-air thermal resistance
Board mounted, no air flow, high conductivity TI
recommended test board with thermal land but no
42.2
°C/W
RθJC
Junction-to-case thermal resistance
recommended test board with thermal land but no
solder or grease thermal connection to thermal land
0.38
°C/W
RθJA
Junction-to-free-air thermal resistance
Board mounted, no air flow, JEDEC test board
75.83
°C/W
RθJC
Junction-to-case thermal resistance
Board mounted, no air flow, JEDEC test board
7.8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com